Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWM67C-T2U2-JK0PM0-24G6 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LWM67C-T2U2-JK0PM0-24G6
Description  Small size high-flux LED for slim designs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWM67C-T2U2-JK0PM0-24G6 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LWM67C-T2U2-JK0PM0-24G6 Datasheet HTML 5Page - OSRAM GmbH LWM67C-T2U2-JK0PM0-24G6 Datasheet HTML 6Page - OSRAM GmbH LWM67C-T2U2-JK0PM0-24G6 Datasheet HTML 7Page - OSRAM GmbH LWM67C-T2U2-JK0PM0-24G6 Datasheet HTML 8Page - OSRAM GmbH LWM67C-T2U2-JK0PM0-24G6 Datasheet HTML 9Page - OSRAM GmbH LWM67C-T2U2-JK0PM0-24G6 Datasheet HTML 10Page - OSRAM GmbH LWM67C-T2U2-JK0PM0-24G6 Datasheet HTML 11Page - OSRAM GmbH LWM67C-T2U2-JK0PM0-24G6 Datasheet HTML 12Page - OSRAM GmbH LWM67C-T2U2-JK0PM0-24G6 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Version 1.0
LW M67C binning FK0PM0
2015-07-29
9
Relative Spectral Emission - V(λ) = Standard eye response curve 7) page 22
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 7) Seite 22
Irel = f (λ); TS = 25 °C; IF = 20 mA
Radiation Characteristics 7) page 22
Abstrahlcharakteristik 7) Seite 22
Irel = f (ϕ); TS = 25 °C
FK0PM0
350
400
450
500
550
600
650
700
750
800
λ [nm]
0.0
0.2
0.4
0.6
0.8
1.0
Irel
: Vλ
: LM0
: LK0
LW M67C
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ [°]
0,0
0,2
0,4
0,6
0,8
1,0
Irel


Similar Part No. - LWM67C-T2U2-JK0PM0-24G6

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWM67C-T2U2-JKPL-1 OSRAM-LWM67C-T2U2-JKPL-1 Datasheet
667Kb / 23P
   Small size high-flux LED for slim designs
LWM67C-T2U2-JKPL-1 OSRAM-LWM67C-T2U2-JKPL-1 Datasheet
667Kb / 23P
   Automotive Interior Lighting
More results

Similar Description - LWM67C-T2U2-JK0PM0-24G6

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWM673-K2N1-FK0PM0-2 OSRAM-LWM673-K2N1-FK0PM0-2 Datasheet
664Kb / 23P
   Small size high-flux LED for slim designs
LWM673-P1R2-FK0PM0 OSRAM-LWM673-P1R2-FK0PM0 Datasheet
669Kb / 23P
   Small size high-flux LED for slim designs
LWM67C-Q2R2-JKPL-1 OSRAM-LWM67C-Q2R2-JKPL-1 Datasheet
667Kb / 23P
   Small size high-flux LED for slim designs
LWMVSG-AZBZ-JKPL-Z486 OSRAM-LWMVSG-AZBZ-JKPL-Z486 Datasheet
688Kb / 23P
   Small size high-flux LED for slim designs
LCWMVSG.EC OSRAM-LCWMVSG.EC Datasheet
1Mb / 26P
   Small size high-flux LED for slim designs
logo
ams AG
LTMVSG AMSCO-LTMVSG Datasheet
1Mb / 21P
   Small size high-flux LED for slim designs
Version 1.0 2020-03-30
logo
OSRAM GmbH
LWM673-P1R2-FKPL OSRAM-LWM673-P1R2-FKPL Datasheet
648Kb / 23P
   Small size high-flux LED for slim designs
LWMVSG-AYBZ-FK0PM0-Z486 OSRAM-LWMVSG-AYBZ-FK0PM0-Z486 Datasheet
741Kb / 23P
   Small size high-flux LED for slim designs
LCWMTSG-U2V2-4L8N OSRAM-LCWMTSG-U2V2-4L8N Datasheet
704Kb / 23P
   Small size high-flux LED for slim designs
LTMTSG-V2CA-35-1 OSRAM-LTMTSG-V2CA-35-1 Datasheet
1Mb / 21P
   Small size high-flux LED for slim designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com