Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVCQBP-JZLX-BD-1 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LVCQBP-JZLX-BD-1
Description  Architectural Lighting indoor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LVCQBP-JZLX-BD-1 Datasheet(HTML) 4 Page - OSRAM GmbH

  LVCQBP-JZLX-BD-1 Datasheet HTML 1Page - OSRAM GmbH LVCQBP-JZLX-BD-1 Datasheet HTML 2Page - OSRAM GmbH LVCQBP-JZLX-BD-1 Datasheet HTML 3Page - OSRAM GmbH LVCQBP-JZLX-BD-1 Datasheet HTML 4Page - OSRAM GmbH LVCQBP-JZLX-BD-1 Datasheet HTML 5Page - OSRAM GmbH LVCQBP-JZLX-BD-1 Datasheet HTML 6Page - OSRAM GmbH LVCQBP-JZLX-BD-1 Datasheet HTML 7Page - OSRAM GmbH LVCQBP-JZLX-BD-1 Datasheet HTML 8Page - OSRAM GmbH LVCQBP-JZLX-BD-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2015-11-09
4
Version 1.1
LV CQBP
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
503
nm
Dominant Wavelength
3) page 21
Dominantwellenlänge
3) Seite 21
(min.)
(typ.)
(max.)
λdom
λdom
λdom
498
505
512
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
30
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
130
°
Forward voltage
4) page 21
Durchlassspannung
4) Seite 21
(min.)
(typ.)
(max.)
VF
VF
VF
2.75
3.25
3.50
V
V
V
Real thermal resistance junction / solder point
5) page 21
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 21
(typ.)
(max.)
Rth JS real
R
th JS real
9.6
10.8
K/W
K/W
"Electrical" thermal resistance junction / solder point
5) page 21
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 5) Seite 21
(with efficiency η
e = 20 %)
(typ.)
(max.)
Rth JS el
Rth JS el
7.7
8.6
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite


Similar Part No. - LVCQBP-JZLX-BD-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LVCQBP-JZLX-BD-1 OSRAM-LVCQBP-JZLX-BD-1 Datasheet
987Kb / 23P
   OSLON Signal
LVCQBP-JZLX-BD-1 OSRAM-LVCQBP-JZLX-BD-1 Datasheet
1,011Kb / 23P
   Architectural Lighting indoor
More results

Similar Description - LVCQBP-JZLX-BD-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LVCQBP OSRAM-LVCQBP_18 Datasheet
1,011Kb / 23P
   Architectural Lighting indoor
LTCQBP-KYLX-36-1 OSRAM-LTCQBP-KYLX-36-1 Datasheet
939Kb / 21P
   Architectural Lighting indoor
LCBCRBP-JXKX-3B6B-1 OSRAM-LCBCRBP-JXKX-3B6B-1 Datasheet
990Kb / 22P
   Architectural Lighting indoor
KRDMLQ31.23 OSRAM-KRDMLQ31.23 Datasheet
710Kb / 21P
   Architectural Lighting indoor and outdoor
LSH9PP-HYJY-1-1 OSRAM-LSH9PP-HYJY-1-1 Datasheet
728Kb / 22P
   Architectural Lighting indoor and outdoor
KRDMLS31.23 OSRAM-KRDMLS31.23 Datasheet
732Kb / 22P
   Architectural Lighting indoor and outdoor
LRW5SM OSRAM-LRW5SM Datasheet
611Kb / 21P
   Architectural Lighting indoor and outdoor
LYH9GP OSRAM-LYH9GP Datasheet
689Kb / 21P
   Architectural Lighting indoor and outdoor
KRDMLN31.23 OSRAM-KRDMLN31.23 Datasheet
676Kb / 22P
   Architectural Lighting indoor and outdoor
LTH9GP OSRAM-LTH9GP Datasheet
630Kb / 21P
   Architectural Lighting indoor and outdoor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com