Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LUWCVBP.CE-5L8L-GMKM-8E8G
Description  Day time running light
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet(HTML) 4 Page - OSRAM GmbH

  LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet HTML 1Page - OSRAM GmbH LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet HTML 2Page - OSRAM GmbH LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet HTML 3Page - OSRAM GmbH LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet HTML 4Page - OSRAM GmbH LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet HTML 5Page - OSRAM GmbH LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet HTML 6Page - OSRAM GmbH LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet HTML 7Page - OSRAM GmbH LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet HTML 8Page - OSRAM GmbH LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2015-11-26
4
Version 1.7
LUW CVBP.CE
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 2) page 21
Farbkoordinaten nach CIE 1931 2) Seite 21
(typ.)
(typ.)
Cx
Cy
0.33
0.34
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage
3) page 21
Durchlassspannung 3) Seite 21
(min.)
(typ.)
(max.)
VF
VF
V
F
2.75
2.95
3.50
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 21
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 21
(typ.)
(max.)
Rth JS real
Rth JS real
12.8
18.3
K/W
K/W
"Electrical" thermal resistance junction / solder point
4) page 21
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad
4) Seite 21
(with efficiency ηe = 29 %)
(typ.)
(max.)
R
th JS el
R
th JS el
9.1
13
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite


Similar Part No. - LUWCVBP.CE-5L8L-GMKM-8E8G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCVBP.CE OSRAM-LUWCVBP.CE Datasheet
758Kb / 22P
   SMD ceramic package with silicone resin with lens
More results

Similar Description - LUWCVBP.CE-5L8L-GMKM-8E8G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCN7M OSRAM-LUWCN7M Datasheet
752Kb / 23P
   Day time running light
LUWCN7N OSRAM-LUWCN7N Datasheet
746Kb / 23P
   Day time running light
LUWCN5M-GBHB-5P7R-1 OSRAM-LUWCN5M-GBHB-5P7R-1 Datasheet
930Kb / 21P
   Day time running light
LUWCN7M-HYJY-EMKM-1 OSRAM-LUWCN7M-HYJY-EMKM-1 Datasheet
725Kb / 23P
   Day time running light
LEDDRL301BK12 OSRAM-LEDDRL301BK12 Datasheet
106Kb / 3P
   LED daytime running light
LEDDRL401BK12 OSRAM-LEDDRL401BK12 Datasheet
118Kb / 3P
   LED daytime running light
LEDFOG101BK12 OSRAM-LEDFOG101BK12 Datasheet
124Kb / 3P
   LED fog light with daytime running light functionality
logo
Dialight Corporation
TB1-7401-101 DIALIGHT-TB1-7401-101 Datasheet
113Kb / 1P
   CONFIRMATION LIGHT FOR PRE-EMPTION / RED LIGHT RUNNING
logo
OSRAM GmbH
LEDFOG103BL12 OSRAM-LEDFOG103BL12 Datasheet
119Kb / 3P
   LED fog light with daytime running light functionality
logo
Renesas Technology Corp
M16C26A-24NT RENESAS-M16C26A-24NT Datasheet
534Kb / 16P
   Sample Program (24-Number Time-of-Day Clock)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com