Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUWCRBP-LXLZ-G4J4-1 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LUWCRBP-LXLZ-G4J4-1
Description  Signal and Symbol Luminary
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCRBP-LXLZ-G4J4-1 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LUWCRBP-LXLZ-G4J4-1 Datasheet HTML 5Page - OSRAM GmbH LUWCRBP-LXLZ-G4J4-1 Datasheet HTML 6Page - OSRAM GmbH LUWCRBP-LXLZ-G4J4-1 Datasheet HTML 7Page - OSRAM GmbH LUWCRBP-LXLZ-G4J4-1 Datasheet HTML 8Page - OSRAM GmbH LUWCRBP-LXLZ-G4J4-1 Datasheet HTML 9Page - OSRAM GmbH LUWCRBP-LXLZ-G4J4-1 Datasheet HTML 10Page - OSRAM GmbH LUWCRBP-LXLZ-G4J4-1 Datasheet HTML 11Page - OSRAM GmbH LUWCRBP-LXLZ-G4J4-1 Datasheet HTML 12Page - OSRAM GmbH LUWCRBP-LXLZ-G4J4-1 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.2
LUW CRBP
2015-11-09
9
Forward Current 6) page 21 , 7) page 21
Durchlassstrom 6) Seite 21 , 7) Seite 21
IF = f (VF); TS = 25 °C
Relative Luminous Flux 6) page 21 , 7) page 21
Relativer Lichtstrom 6) Seite 21 , 7) Seite 21
ΦVV(350 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 6) page 21
Farbortverschiebung 6) Seite 21
ΔCx, ΔCy = f(IF); TS = 25 °C
LUW CRBP
2,3
3,9
2,6
2,8
3,0
3,2
3,4
3,6
VF [V]
30
200
400
600
800
1000
IF [mA]
: white
LUW CRBP
30
20
0
40
0
60
0
80
0
10
00
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
ΦV
Φ
V(350mA)
: white
LUW CRBP
30
20
0
40
0
60
0
80
0
10
00
IF [mA]
-0,010
-0,005
0,000
0,005
0,010
∆Cx
∆Cy
:
Cx
:
Cy


Similar Part No. - LUWCRBP-LXLZ-G4J4-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCR7P OSRAM-LUWCR7P Datasheet
3Mb / 24P
   Industrial lighting
LUWCR7P OSRAM-LUWCR7P Datasheet
3Mb / 24P
   OSLON SSL 80
LUWCR7P-LRLT-GPGR-1 OSRAM-LUWCR7P-LRLT-GPGR-1 Datasheet
3Mb / 24P
   OSLON SSL 80
LUWCR7P-LRLT-HPHR-1 OSRAM-LUWCR7P-LRLT-HPHR-1 Datasheet
3Mb / 24P
   OSLON SSL 80
LUWCR7P-LRLT-HPJR-1 OSRAM-LUWCR7P-LRLT-HPJR-1 Datasheet
3Mb / 24P
   OSLON SSL 80
More results

Similar Description - LUWCRBP-LXLZ-G4J4-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
   Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
   Signal and Symbol Luminary
LRT67D OSRAM-LRT67D Datasheet
756Kb / 20P
   Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
   Signal and Symbol Luminary
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
   Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
   Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
   Signal and Symbol Luminary
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
   Signal and Symbol Luminary
LPT67K OSRAM-LPT67K Datasheet
441Kb / 19P
   Signal and Symbol Luminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com