Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUWCN7M-HYJY-EMKM-1 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LUWCN7M-HYJY-EMKM-1
Description  Day time running light
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCN7M-HYJY-EMKM-1 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LUWCN7M-HYJY-EMKM-1 Datasheet HTML 5Page - OSRAM GmbH LUWCN7M-HYJY-EMKM-1 Datasheet HTML 6Page - OSRAM GmbH LUWCN7M-HYJY-EMKM-1 Datasheet HTML 7Page - OSRAM GmbH LUWCN7M-HYJY-EMKM-1 Datasheet HTML 8Page - OSRAM GmbH LUWCN7M-HYJY-EMKM-1 Datasheet HTML 9Page - OSRAM GmbH LUWCN7M-HYJY-EMKM-1 Datasheet HTML 10Page - OSRAM GmbH LUWCN7M-HYJY-EMKM-1 Datasheet HTML 11Page - OSRAM GmbH LUWCN7M-HYJY-EMKM-1 Datasheet HTML 12Page - OSRAM GmbH LUWCN7M-HYJY-EMKM-1 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Version 1.5
LUW CN7M
2016-03-18
9
Relative Spectral Emission - V(λ) = Standard eye response curve 5) page 22
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 5) Seite 22
Φrel = f (λ); TS = 25 °C; IF = 200 mA
Radiation Characteristics 5) page 22
Abstrahlcharakteristik 5) Seite 22
Irel = f (ϕ); TS = 25 °C
LUW CN7M
350
400
450
500
550
600
650
700
750
800
λ [nm]
0,0
0,2
0,4
0,6
0,8
1,0
Irel
: Vλ
:
LUW CN7M
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ [°]
0,0
0,2
0,4
0,6
0,8
1,0
Irel


Similar Part No. - LUWCN7M-HYJY-EMKM-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCN7M-HYJY-EMKM-1 OSRAM-LUWCN7M-HYJY-EMKM-1 Datasheet
752Kb / 23P
   Day time running light
More results

Similar Description - LUWCN7M-HYJY-EMKM-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCVBP.CE-5L8L-GMKM-8E8G OSRAM-LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet
758Kb / 22P
   Day time running light
LUWCN7M OSRAM-LUWCN7M Datasheet
752Kb / 23P
   Day time running light
LUWCN7N OSRAM-LUWCN7N Datasheet
746Kb / 23P
   Day time running light
LUWCN5M-GBHB-5P7R-1 OSRAM-LUWCN5M-GBHB-5P7R-1 Datasheet
930Kb / 21P
   Day time running light
LEDDRL301BK12 OSRAM-LEDDRL301BK12 Datasheet
106Kb / 3P
   LED daytime running light
LEDDRL401BK12 OSRAM-LEDDRL401BK12 Datasheet
118Kb / 3P
   LED daytime running light
LEDFOG101BK12 OSRAM-LEDFOG101BK12 Datasheet
124Kb / 3P
   LED fog light with daytime running light functionality
logo
Dialight Corporation
TB1-7401-101 DIALIGHT-TB1-7401-101 Datasheet
113Kb / 1P
   CONFIRMATION LIGHT FOR PRE-EMPTION / RED LIGHT RUNNING
logo
OSRAM GmbH
LEDFOG103BL12 OSRAM-LEDFOG103BL12 Datasheet
119Kb / 3P
   LED fog light with daytime running light functionality
logo
Renesas Technology Corp
M16C26A-24NT RENESAS-M16C26A-24NT Datasheet
534Kb / 16P
   Sample Program (24-Number Time-of-Day Clock)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com