Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUWCJSN-GYHY-EULW-35 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LUWCJSN-GYHY-EULW-35
Description  High efficient lightsource at small dimensions
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCJSN-GYHY-EULW-35 Datasheet(HTML) 5 Page - OSRAM GmbH

  LUWCJSN-GYHY-EULW-35 Datasheet HTML 1Page - OSRAM GmbH LUWCJSN-GYHY-EULW-35 Datasheet HTML 2Page - OSRAM GmbH LUWCJSN-GYHY-EULW-35 Datasheet HTML 3Page - OSRAM GmbH LUWCJSN-GYHY-EULW-35 Datasheet HTML 4Page - OSRAM GmbH LUWCJSN-GYHY-EULW-35 Datasheet HTML 5Page - OSRAM GmbH LUWCJSN-GYHY-EULW-35 Datasheet HTML 6Page - OSRAM GmbH LUWCJSN-GYHY-EULW-35 Datasheet HTML 7Page - OSRAM GmbH LUWCJSN-GYHY-EULW-35 Datasheet HTML 8Page - OSRAM GmbH LUWCJSN-GYHY-EULW-35 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 1.4 (replacement in due course)
LUW CJSN
2016-01-14
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 22
Durchlassspannungsgruppen 3) Seite 22
Group
Luminous Flux 1) page 22
Luminous Flux 1) page 22
Luminous Intensity
5) page 22
Gruppe
Lichtstrom 1) Seite 22
Lichtstrom 1) Seite 22
Lichtstärke 5) Seite 22
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
GY
21
24
7.4
GZ
24
28
8.6
HX
28
33
10.1
HY
33
39
11.9
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
3
2.75
2.90
4
2.90
3.20
5
3.20
3.50


Similar Part No. - LUWCJSN-GYHY-EULW-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCJSN OSRAM-LUWCJSN Datasheet
302Kb / 23P
   SMD ceramic Package with Silicone resin
More results

Similar Description - LUWCJSN-GYHY-EULW-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECGQ8WP-5P8P-1 OSRAM-LECGQ8WP-5P8P-1 Datasheet
1Mb / 24P
   Highly efficient lightsource, slim package design
LECGQ9WP OSRAM-LECGQ9WP Datasheet
1Mb / 22P
   Highly efficient lightsource, slim package design Hocheffiziente Lichtquelle, niedrige Bauteilh철he...
SFH-4716S OSRAM-SFH-4716S Datasheet
498Kb / 13P
   IR lightsource with high efficiency
SFH-4775S OSRAM-SFH-4775S Datasheet
503Kb / 13P
   IR lightsource with high efficiency
logo
NXP Semiconductors
DC6M401X6-18S NXP-DC6M401X6-18S Datasheet
709Kb / 2P
   Small, highly efficient switching converters
October 2012
logo
OSRAM GmbH
SFH-4703AS OSRAM-SFH-4703AS Datasheet
570Kb / 14P
   IR lightsource with high efficiency
logo
Bourns Electronic Solut...
CR0402-FX-6342GLF BOURNS-CR0402-FX-6342GLF Datasheet
138Kb / 3P
   Small package dimensions
logo
OSRAM GmbH
SFH-4715S OSRAM-SFH-4715S Datasheet
501Kb / 13P
   IR lightsource with high efficiency
SFH-4780S OSRAM-SFH-4780S Datasheet
454Kb / 13P
   IR lightsource with high efficiency
SFH-4715AS OSRAM-SFH-4715AS Datasheet
781Kb / 14P
   IR lightsource with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com