Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD404889TE Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD404889TE
Description  Low-Voltage AS Microcomputers with On-Chip LCD Circuit
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404889TE Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD404889TE Datasheet HTML 1Page - Renesas Technology Corp HD404889TE Datasheet HTML 2Page - Renesas Technology Corp HD404889TE Datasheet HTML 3Page - Renesas Technology Corp HD404889TE Datasheet HTML 4Page - Renesas Technology Corp HD404889TE Datasheet HTML 5Page - Renesas Technology Corp HD404889TE Datasheet HTML 6Page - Renesas Technology Corp HD404889TE Datasheet HTML 7Page - Renesas Technology Corp HD404889TE Datasheet HTML 8Page - Renesas Technology Corp HD404889TE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 202 page
background image
HD404889/HD404899/HD404878/
HD404868 Series
Low-Voltage AS Microcomputers with On-Chip LCD Circuit
ADE-202-075D (O)
Rev. 5.0
Feb. 2000
Description
The HD404889, HD404899, and HD404868 Series comprise low-voltage, 4-bit single-chip
microcomputers with a variety of on-chip supporting functions that include an LCD circuit, A/D converter,
multifunctional timers, and large-current I/O pins. These devices are suitable for system and display panel
control in a wide range of applications, including pagers, remote controllers, and home appliances equipped
with an LCD display.
The HD404878 Series comprises low-voltage, 4-bit single-chip microcomputers with no on-chip A/D
converter.
Each series is equipped with a 32.768 kHz sub-resonator for realtime clock use, providing a time counting
facility, and a variety of low-power modes to reduce current drain.
The HD4074889, HD4074899, and HD4074869 are ZTAT™ microcomputers with on-chip PROM that
drastically shortens development time and ensures a smooth transition from debugging to mass production.
(The PROM programming specifications are the same as for the 27256 type.)
ZTAT
TM: Zero Turn-Around Time. ZTATTM is a trademark of Hitachi, Ltd.
Features
• 46 I/O pins (HD404889/HD404899/HD404878 Series)
41 I/O pins (HD404868 Series)
Large-current I/O pins (source: 10 mA max.):4
Large-current I/O pins (sink: 15 mA max.): 8 (HD404889/HD404899/HD404878 Series)
6 (HD404868 Series)
LCD segment multiplexed pins:16
Analog input multiplexed pins: 6 (HD404889 and HD404899 Series)
4 (HD404868 Series)


Similar Part No. - HD404889TE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404889TE RENESAS-HD404889TE Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
More results

Similar Description - HD404889TE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404889 RENESAS-HD404889_03 Datasheet
1Mb / 197P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
HD404669 RENESAS-HD404669 Datasheet
680Kb / 146P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
Sept. 1999
logo
Hitachi Semiconductor
HD404669 HITACHI-HD404669 Datasheet
455Kb / 142P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
logo
Renesas Technology Corp
HD404374 RENESAS-HD404374 Datasheet
868Kb / 161P
   Low-Voltage AS Microcomputers with On-Chip A/D Converter
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
logo
Siemens Semiconductor G...
C505L SIEMENS-C505L Datasheet
31Kb / 2P
   First 8051Microcontroller with On-Chip LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com