Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLX6F-FKC Datasheet(PDF) 4 Page - Cree, Inc

Part # CLX6F-FKC
Description  Cree PLCC6 3 in 1 SMD LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLX6F-FKC Datasheet(HTML) 4 Page - Cree, Inc

  CLX6F-FKC Datasheet HTML 1Page - Cree, Inc CLX6F-FKC Datasheet HTML 2Page - Cree, Inc CLX6F-FKC Datasheet HTML 3Page - Cree, Inc CLX6F-FKC Datasheet HTML 4Page - Cree, Inc CLX6F-FKC Datasheet HTML 5Page - Cree, Inc CLX6F-FKC Datasheet HTML 6Page - Cree, Inc CLX6F-FKC Datasheet HTML 7Page - Cree, Inc CLX6F-FKC Datasheet HTML 8Page - Cree, Inc CLX6F-FKC Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC6 3 in 1 SMD LED
CLX6F-FKC
ORDER CODE TABLE*
Kit Number
Color
Luminous Intensity (mcd)
Dominant Wavelength (nm)
Pack-
age
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
CLX6F-FKC-CKNNQDGBB7a363
Red
560
1120
RB
619
RB
624
Reel
Green
900
1800
G7
520
Ga
540
Reel
Blue
140
355
B3
460
B6
480
Reel
CLX6F-FKC-CK1N1D1BB7D3D3
Red
Any 1 Intensity bin from K(560) - N(1120)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from N(900) - Q(1800)
Any 1 hue bin from G7(520) - Ga(540)
Reel
Blue
Any 1 Intensity bin from D(140) - G(355)
Any 1 hue bin from B3(460) - B6(480)
Reel
CLX6F-FKC-Cnp1st1E1BB7D3D3
Red
Any 1 Intensity bin from np(635) - N(1120)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from st(1010) - Q(1800)
Any 1 hue bin from G7(520) - Ga(540)
Reel
Blue
Any 1 Intensity bin from E(180) - G(355)
Any 1 hue bin from B3(460) - B6(480)
Reel
Notes:
1. The above kit numbers represent the order codes which include multiple intensity-bin and color-bin codes.Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-bin
code will be orderable in certain quantities. For example, any 1 intensity bin from N - Q means only 1 intensity bin
(N or st or P or vw or Q) will be shipped by Cree. For example, any 1 color bin from G7 - Ga means only 1 color bin
(G7 or G23 or G8 or G45 or G9 or G67 or Ga) will be shipped by Cree.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - CLX6F-FKC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLX6F-AKB CREE-CLX6F-AKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-BKB CREE-CLX6F-BKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-BKB-CP14S3 CREE-CLX6F-BKB-CP14S3 Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-BKB-CPR453 CREE-CLX6F-BKB-CPR453 Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-DXA-XHHJJKKLLMMNN1 CREE-CLX6F-DXA-XHHJJKKLLMMNN1 Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
More results

Similar Description - CLX6F-FKC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6R-FKW CREE-CLP6R-FKW Datasheet
526Kb / 9P
   Cree® PLCC6 3-in-1 SMD LED
2009
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
   PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
   PLCC6 3 in 1 SMD LED
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
   PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
   PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
   PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
   PLCC6 3 in 1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
   PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com