Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS2931AT-X Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS2931AT-X
Description  Battery Powered Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2931AT-X Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS2931AT-X Datasheet HTML 1Page - Advanced Monolithic Systems AMS2931AT-X Datasheet HTML 2Page - Advanced Monolithic Systems AMS2931AT-X Datasheet HTML 3Page - Advanced Monolithic Systems AMS2931AT-X Datasheet HTML 4Page - Advanced Monolithic Systems AMS2931AT-X Datasheet HTML 5Page - Advanced Monolithic Systems AMS2931AT-X Datasheet HTML 6Page - Advanced Monolithic Systems AMS2931AT-X Datasheet HTML 7Page - Advanced Monolithic Systems AMS2931AT-X Datasheet HTML 8Page - Advanced Monolithic Systems AMS2931AT-X Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.advanced-monolithic.com
updated April 24, 2009
AMS2931
PIN CONNECTIONS
FIXED OUTPUT VOLTAGE
TO-92
Plastic Package (N)
8L SOIC
SO-Package (S)
TO-220 (T)
TO-263 (M)
OUTPUT
INPUT
GND
N/C
OUTPUT
N/C
INPUT
GROUND
GROUND
GROUND
GROUND
1
2
8
4
3
7
5
6
GND
OUTPUT
INPUT
TAB IS
GND
GND
INPUT
OUTPUT
Bottom View
Top View
Front View
Top View
ADJUSTABLE OUTPUT VOLTAGE
8L SOIC
SO-Package (S)
ON/OFF
OUTPUT
ADJ
INPUT
GROUND
GROUND
GROUND
GROUND
1
2
8
4
3
7
5
6
Top View
TYPICAL APPLICATIONS
AMS2931-X (Fixed Output)
AMS2931C (Adjustable Output)
AMS2931
V
IN
UNREGULATED
INPUT
V
OUT
REGULATED
OUTPUT
C2**
100
µF
C1*
0.1
µF
GND
I
Q
*Required if regulator is located far from power supply filter.
**C2 must be at least 100
µF to maintain stability; it can be increased
without bound to maintain regulation during transients and it should be
located as close as possible to the regulator. This capacitor must be rated
over the same operating temperature range like the regulator. The ESR
of this capacitor is critical (see curve).
R
2
ADJ
+
AMS2931
ADJUSTABLE
GND
C2**
100
µF
C1*
0.1
µF
OUT
OFF
ON
ON/OFF
R
1
28k
V
OUT
V
CC
R
3
51k
VOUT = VREF × ( R1+R2)/R1
Note: Using 27k for R1 will automatically compensate for errors in VOUT
due to the input bias current of the Adjust Pin ( approx. 1
µA)


Similar Part No. - AMS2931AT-X

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2931AT-X ADMOS-AMS2931AT-X Datasheet
81Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
AMS2931AT-X ADMOS-AMS2931AT-X Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS2931AT-X

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
   Battery Powered Systems
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
   Portable/Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com