Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3600D33PWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS3600D33PWG4
Description  BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3600D33PWG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3600D33PWG4 Datasheet HTML 1Page - Texas Instruments TPS3600D33PWG4 Datasheet HTML 2Page - Texas Instruments TPS3600D33PWG4 Datasheet HTML 3Page - Texas Instruments TPS3600D33PWG4 Datasheet HTML 4Page - Texas Instruments TPS3600D33PWG4 Datasheet HTML 5Page - Texas Instruments TPS3600D33PWG4 Datasheet HTML 6Page - Texas Instruments TPS3600D33PWG4 Datasheet HTML 7Page - Texas Instruments TPS3600D33PWG4 Datasheet HTML 8Page - Texas Instruments TPS3600D33PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TPS3600D20, TPS3600D25, TPS3600D33, TPS3600D50
BATTERY BACKUP SUPERVISORS FOR LOW POWER PROCESSORS
SLVS336B − DECEMBER 2000 − REVISED JANUARY 2007
1
features
D Supply Current of 40 µA (Max)
D Precision Supply Voltage Monitor
− 2.0 V, 2.5 V, 3.3 V, 5.0 V
− Other Versions on Request
D Watchdog Timer With 800-ms Time-Out
D Backup-Battery Voltage Can Exceed VDD
D Power-On Reset Generator With Fixed
100-ms Reset Delay Time
D Battery OK Output
D Voltage Monitor for Power-Fail or
Low-Battery Monitoring
D Manual Switchover to Battery-Backup
Mode
D Chip-Enable Gating −3 ns (at VDD = 5 V)
Max. Propagation Delay
D Manual Reset
D Battery Freshness Seal
D 14-Pin TSSOP Package
D Temperature Range ...−40°C to 85°C
typical applications
D Fax Machines
D Set-Top Boxes
D Advanced Voice Mail Systems
D Portable Battery Powered Equipment
D Computer Equipment
D Advanced Modems
D Automotive Systems
D Portable Long-Time Monitoring Equipment
D Point of Sale Equipment
typical operating circuit
CEIN
CEOUT
VDD
VBAT
PFI
Backup
Battery
RESET
WDI
PFO
BATTOK
BATTON
VOUT
GND
MR
MSWITCH
Manual
Reset
Rx
Ry
External
Source
0.1
µF
Power
Supply
Address Bus
GND
RESET
I/O
I/O
I/O
I/O
VCC
Data Bus
16
Address
Decoder
Switchover
Capacitor
0.1
µF
TPS3600
uC
CMOS
RAM
CE
VCC
8
CMOS
RAM
CE
VCC
8
Real-
Time
Clock
VCC
www.ti.com
Copyright
 2000−2007, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
VBAT
RESET
WDI
MR
CEOUT
BATTOK
PFO
VOUT
VDD
GND
MSWITCH
CEIN
BATTON
PFI
TSSOP (PW) Package
(TOP VIEW)
ACTUAL SIZE
(5,10mm x 6,60mm)
14
13
12
11
10
9
8
All trademarks are the property of their respective owners.


Similar Part No. - TPS3600D33PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D33PWG4 TI-TPS3600D33PWG4 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
More results

Similar Description - TPS3600D33PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
   2.5A Battery Backup Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com