Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22810DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22810DBVR
Description  2.7-18-V, 2-A, 79-m(ohm) On-Resistance Load Switch with Thermal Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22810DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22810DBVR Datasheet HTML 6Page - Texas Instruments TPS22810DBVR Datasheet HTML 7Page - Texas Instruments TPS22810DBVR Datasheet HTML 8Page - Texas Instruments TPS22810DBVR Datasheet HTML 9Page - Texas Instruments TPS22810DBVR Datasheet HTML 10Page - Texas Instruments TPS22810DBVR Datasheet HTML 11Page - Texas Instruments TPS22810DBVR Datasheet HTML 12Page - Texas Instruments TPS22810DBVR Datasheet HTML 13Page - Texas Instruments TPS22810DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
VIN
VON
VOUT
IIN
VIN
VON
VOUT
IIN
VIN
VON
VOUT
IIN
10
TPS22810
SLVSDH0A – DECEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical AC Characteristics (continued)
VIN = 5 V
CIN = 1 µF
CL = 0.1 µF
RL = 10 Ω
QOD = Open
Figure 13. Fall Time tF at VIN = 5 V
VIN = 12 V
CIN = 1 µF
CL = 0.1 µF
RL = 10 Ω
CT = 2200 pF
Figure 14. Rise Time tR at VIN = 12 V
VIN = 12 V
CIN = 1 µF
CL = 0.1 µF
RL = 10 Ω
QOD = Open
Figure 15. Fall Time tF at VIN = 12 V


Similar Part No. - TPS22810DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810DBVR TI1-TPS22810DBVR Datasheet
1Mb / 35P
[Old version datasheet]   2.7-18-V, On-Resistance Load Switch With Thermal Protection
More results

Similar Description - TPS22810DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22810-Q1 TI1-TPS22810-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-18-V, 79-mohm On-Resistance Load Switch With Thermal Protection
TPS22810 TI1-TPS22810_17 Datasheet
1Mb / 35P
[Old version datasheet]   2.7-18-V, On-Resistance Load Switch With Thermal Protection
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
[Old version datasheet]   5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com