Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2081606_PF08127B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # E2081606_PF08127B
Description  MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

E2081606_PF08127B Datasheet(HTML) 4 Page - Renesas Technology Corp

  E2081606_PF08127B Datasheet HTML 1Page - Renesas Technology Corp E2081606_PF08127B Datasheet HTML 2Page - Renesas Technology Corp E2081606_PF08127B Datasheet HTML 3Page - Renesas Technology Corp E2081606_PF08127B Datasheet HTML 4Page - Renesas Technology Corp E2081606_PF08127B Datasheet HTML 5Page - Renesas Technology Corp E2081606_PF08127B Datasheet HTML 6Page - Renesas Technology Corp E2081606_PF08127B Datasheet HTML 7Page - Renesas Technology Corp E2081606_PF08127B Datasheet HTML 8Page - Renesas Technology Corp E2081606_PF08127B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PF08127B
Rev.0, Oct. 2002, page 2 of 14
Absolute Maximum Ratings *
1
(Tc = 25
°C)
Item
Symbol
Rating
Unit
Remark
7.0
V
at no-operation
Supply voltage
Vdd
5.0
V
at operation (50
Ω load)
Idd
GSM
3.5
A
Supply current
Idd
DCS
2A
Vctl voltage
Vctl
4
V
Vapc voltage
Vapc
4
V
Input power
Pin
10
dBm
Operating case temperature *
2
Tc (op)
−30 to +100
°C
Storage temperature
Tstg
−40 to +100
°C
Pout
GSM
5W
Output power
Pout
DCS
3W
Notes: 1. The maximum ratings shall be valid over both the E-GSM-band (880 to 915 MHz),
and the DCS1800/1900-band (1710 to 1785 MHz, 1850 to 1910 MHz).
2. These are specified at pulsed operation with pulse width = 1154
µsec and duty cycle of 2:8.
Electrical Characteristics for DC
(Tc = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Drain cutoff current
Ids

20
µA
Vdd = 4.7 V, Vapc = 0 V,
Vctl = 0.2 V
Vapc control current
Iapc

2.0
mA
Vapc = 2.2 V
Vctl control current
Ictl

2
µAVctl = 3 V


Similar Part No. - E2081606_PF08127B

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2081NL PULSE-E2081NL Datasheet
267Kb / 2P
   UNLESS OTHERWISE SPECIFIED
More results

Similar Description - E2081606_PF08127B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PF08127 RENESAS-PF08127 Datasheet
140Kb / 18P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
Oct. 2002
PF08134 RENESAS-PF08134 Datasheet
138Kb / 16P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
May 13, 2004
PF08134B RENESAS-PF08134B Datasheet
123Kb / 14P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
PF08109B RENESAS-PF08109B Datasheet
249Kb / 25P
   MOS FET Power Amplifier Module for E-GSM and DCS1800 Dual Band Handy Phone
logo
Hitachi Semiconductor
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF08103B HITACHI-PF08103B Datasheet
34Kb / 7P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01411B HITACHI-PF01411B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01412A HITACHI-PF01412A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for GSM Handy Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com