Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7705-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC7705-Q1
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7705-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TLC7705-Q1 Datasheet HTML 1Page - Texas Instruments TLC7705-Q1 Datasheet HTML 2Page - Texas Instruments TLC7705-Q1 Datasheet HTML 3Page - Texas Instruments TLC7705-Q1 Datasheet HTML 4Page - Texas Instruments TLC7705-Q1 Datasheet HTML 5Page - Texas Instruments TLC7705-Q1 Datasheet HTML 6Page - Texas Instruments TLC7705-Q1 Datasheet HTML 7Page - Texas Instruments TLC7705-Q1 Datasheet HTML 8Page - Texas Instruments TLC7705-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TLC7701-EP, TLC7705-EP, TLC7733-EP
www.ti.com
SGLS013E
– MARCH 2003 – REVISED NOVEMBER 2011
ELECTRICAL CHARACTERISTICS
over recommended operating conditions
(1) (unless otherwise noted)
TA = -40°C to 125°C
TA = -55°C to 125°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX
MIN
TYP(2)
MAX
VDD = 2 V
1.8
1.8
IOH = - 20 μA
VDD = 2.7 V
2.5
2.5
High-level output
VOH
V
voltage
VDD = 4.5 V
4.3
4.3
IOH = - 20 mA
VDD = 4.5 V
3.7
3.7
VDD = 2 V
0.2
0.2
IOH = - 20 μA
VDD = 2.7 V
0.2
0.2
Low-level output
VOL
V
voltage
VDD = 4.5 V
0.2
0.2
IOH = - 20 mA
VDD = 4.5 V
0.5
0.5
TLC7701
1.04
1.1
1.16
Negative-going input
VIT-
threshold voltage,
TLC7705
VDD = 2 V to 6 V
4.43
4.5
4.63
V
SENSE(3)
TLC7733
2.855
2.93
3.03
2.8
2.93
3.03
TLC7701
30
Hysteresis voltage,
Vhys
TLC7705
VDD = 2 V to 6 V
70
mV
SENSE
TLC7733
70
70
Vres
Power-up reset voltage(4)
IOL = 20 μA
1
1
V
RESIN
VI = 0 V to VDD
2
2
CONTROL
VI = VDD
7
15
7
15
II
Input current
μA
SENSE
VI = 5 V
5
10
5
10
SENSE, TLC7701
VI = 5 V
2
only
RESIN = VDD,
SENSE = VDD ≥ VITmax
IDD
Supply current
+ 0.2 V
9
16
9
18
μA
CONTROL = 0 V,
Outputs open
VDD = 5 V, VCT = 0 ,
RESIN = VDD,
IDD(d)
Supply current during td
SENSE = VDD
120
150
120
150
μA
CONTROL = 0 V,
Outputs open
CI
Input capacitance, SENSE
VI = 0 V to VDD
50
50
pF
(1)
All characteristics are measured with CT = 0.1 μF.
(2)
Typical values apply at TA = 25°C.
(3)
To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
μF) should be connected near the supply terminals.
(4)
The lowest supply voltage at which RESET becomes active. The symbol Vres is not currently listed within EIA or JEDEC standards for
semiconductor symbology. Rise time of VDD
≥ 15 ms/V.
Copyright
© 2003–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLC7701-EP TLC7705-EP TLC7733-EP


Similar Part No. - TLC7705-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7705-Q1 TI1-TLC7705-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TLC7705-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-EP TI-TLC7701-EP Datasheet
214Kb / 11P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_16 Datasheet
1Mb / 38P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI-TLC7701 Datasheet
304Kb / 19P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com