Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV4316 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4316
Description  10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4316 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV4316 Datasheet HTML 3Page - Texas Instruments TLV4316 Datasheet HTML 4Page - Texas Instruments TLV4316 Datasheet HTML 5Page - Texas Instruments TLV4316 Datasheet HTML 6Page - Texas Instruments TLV4316 Datasheet HTML 7Page - Texas Instruments TLV4316 Datasheet HTML 8Page - Texas Instruments TLV4316 Datasheet HTML 9Page - Texas Instruments TLV4316 Datasheet HTML 10Page - Texas Instruments TLV4316 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
TLV316-Q1, TLV2316-Q1, TLV4316-Q1
www.ti.com
SBOS845A – NOVEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: TLV316-Q1 TLV2316-Q1 TLV4316-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information: TLV316-Q1
THERMAL METRIC(1)
TLV316-Q1
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
221.7
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
144.7
°C/W
RθJB
Junction-to-board thermal resistance
49.7
°C/W
ψJT
Junction-to-top characterization parameter
26.1
°C/W
ψJB
Junction-to-board characterization parameter
49.0
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Thermal Information: TLV2316-Q1
THERMAL METRIC(1)
TLV2316-Q1
UNIT
DGK (VSSOP)
8 PINS
RθJA
Junction-to-ambient thermal resistance
186.6
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
78.8
°C/W
RθJB
Junction-to-board thermal resistance
107.9
°C/W
ψJT
Junction-to-top characterization parameter
15.5
°C/W
ψJB
Junction-to-board characterization parameter
106.3
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.6 Thermal Information: TLV4316-Q1
THERMAL METRIC(1)
TLV4316-Q1
UNIT
PW (TSSOP)
14 PINS
RθJA
Junction-to-ambient thermal resistance
117.2
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
46.2
°C/W
RθJB
Junction-to-board thermal resistance
58.9
°C/W
ψJT
Junction-to-top characterization parameter
4.9
°C/W
ψJB
Junction-to-board characterization parameter
58.3
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
N/A
°C/W


Similar Part No. - TLV4316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4316 TI1-TLV4316 Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
TLV4316 TI1-TLV4316 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV4316IDR TI1-TLV4316IDR Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV4316IPWR TI1-TLV4316IPWR Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
TLV4316IPWR TI1-TLV4316IPWR Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
More results

Similar Description - TLV4316

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. B
logo
Texas Instruments
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
logo
Analog Devices
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com