Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4552IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4552IPWR
Description  Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4552IPWR Datasheet(HTML) 1 Page - Texas Instruments

  THS4552IPWR Datasheet HTML 1Page - Texas Instruments THS4552IPWR Datasheet HTML 2Page - Texas Instruments THS4552IPWR Datasheet HTML 3Page - Texas Instruments THS4552IPWR Datasheet HTML 4Page - Texas Instruments THS4552IPWR Datasheet HTML 5Page - Texas Instruments THS4552IPWR Datasheet HTML 6Page - Texas Instruments THS4552IPWR Datasheet HTML 7Page - Texas Instruments THS4552IPWR Datasheet HTML 8Page - Texas Instruments THS4552IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
AINN
AINP
ADS127L01
22 nF
+
±
270 pF
270 pF
1.2 k
1.2 k
5
10
10
5
330
1.2 k
1.2 k
330
THS4552
470 pF
Copyright © 2016, Texas Instruments Incorporated
3 V
1 nF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
THS4552
SBOS831 – DECEMBER 2016
THS4552
Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
1
1 Features
1
Bandwidth: 150 MHz (G = 1 V/V)
Differential Output Slew Rate: 220 V/µs
Gain Bandwidth Product: 135 MHz
Negative Rail Input (NRI),
Rail-to-Rail Output (RRO)
Wide Output Common-Mode Control Range
Single-Supply Operating Range: 2.7 V to 5.4 V
Trimmed-Supply Current:
1.37 mA per Channel at 5 V
25°C Input Offset: ±175 µV (max)
Input Offset Voltage Drift: ±2.0 µV/°C (max)
Differential Input Voltage Noise: 3.3 nV/
√Hz
HD2: –128 dBc at 2 VPP, 100 kHz
HD3: –139 dBc at 2 VPP, 100 kHz
< 50-ns Settling Time: 4-V Step to 0.01%
18-Bit Settling Time: 4-V Step, < 500 ns
2 Applications
24-Bit, Delta-Sigma (ΔΣ) ADC Drivers
16- to 20-Bit, Differential, High-Speed SAR
Drivers
Differential Active Filters
Differential Transimpedance Amplifiers
Pin-Compatible Upgrade to the THS4522
(TSSOP-16 only)
3 Description
The THS4552 fully differential amplifier offers an easy
interface from single-ended sources to the differential
output required by high-precision analog-to-digital
converters (ADCs). Designed for exceptional dc
accuracy, low noise, and robust capacitive load
driving, this device is well suited for data acquisition
systems where high precision is required along with
the best signal-to-noise ratio (SNR) and spurious-free
dynamic range (SFDR) through the amplifier and
ADC combination.
The THS4552 features the negative rail input required
when interfacing a dc-coupled, ground-centered,
source signal to a single-supply differential input
ADC. Very low dc error and drift terms support the
emerging 16- to 20-bit successive-approximation
register (SAR) input requirements. A wide-range
output common-mode control supports the ADC
running from 1.8-V to 5-V supplies with ADC
common-mode input requirements from 0.7 V to
greater than 3.0 V.
The THS4552 device is characterized for operation
over the wide temperature range of –40°C to +125°C,
and is available in 16-pin TSSOP and 24-pin VQFN
packages.
Low-Power ADCs Supported by the THS4552
PART
NUMBER
ADC TYPE
RESOLUTION, SPEED
ADS1278
Delta sigma
Octal, 24 bits, 0.512 MSPS
ADS8694
SAR
Quad, 18 bits, 0.5 MSPS
ADC3221
Pipeline
Dual, 12 bits, 25 MSPS
ADC3241
Pipeline
Dual, 14 bits, 25 MSPS
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic: Gain of 1-V/V, Single-Ended Input to Differential Output, 500-kHz,
Multiple Feedback Filter Interface to the ADS127L01 (1 of 2 Channels)


Similar Part No. - THS4552IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4552 TI-THS4552 Datasheet
3Mb / 51P
[Old version datasheet]   THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
More results

Similar Description - THS4552IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4551 TI1-THS4551 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
LMH3404 TI1-LMH3404 Datasheet
181Kb / 8P
[Old version datasheet]   Dual, 7-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
logo
Microchip Technology
MCP6D11 MICROCHIP-MCP6D11 Datasheet
2Mb / 60P
   Low-Noise, Precision, 90 MHz Differential I/O Amplifier
08/15/18
logo
Texas Instruments
THP210 TI1-THP210 Datasheet
617Kb / 20P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI1-THP210_V01 Datasheet
1Mb / 40P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI-THP210_V02 Datasheet
2Mb / 41P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com