Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2506 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2506
Description  Single 2A/Dual 1A High-Side Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2506 Datasheet(HTML) 1 Page - Microchip Technology

  MIC2506 Datasheet HTML 1Page - Microchip Technology MIC2506 Datasheet HTML 2Page - Microchip Technology MIC2506 Datasheet HTML 3Page - Microchip Technology MIC2506 Datasheet HTML 4Page - Microchip Technology MIC2506 Datasheet HTML 5Page - Microchip Technology MIC2506 Datasheet HTML 6Page - Microchip Technology MIC2506 Datasheet HTML 7Page - Microchip Technology MIC2506 Datasheet HTML 8Page - Microchip Technology MIC2506 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005579A-page 1
MIC2505/6
Features
• Low MOSFET On-Resistance to 3.0V
-30 mΩ Typical at 5V (MIC2505 Series)
-35 mΩ Typical at 3.3V (MIC2505 Series)
-75 mΩ Typical at 5V (Each MIC2506 Output)
-80 mΩ Typical at 3.3V (Each MIC2506 Out-
put)
• 3.0V to 7.5V Input
• 110 µA Typical On-State Supply Current
• 1 µA Typical Off-State Supply Current
• Output Can be Forced Higher than Input
(Off-State)
• Current-Limit
• Thermal Shutdown
• 2.5V Undervoltage Lockout (UVLO)
• Open-Load Detection (MIC2505YN/M and
MIC2506YN/M Only)
• Open-Drain Fault Flag
• 5 ms (Slow) Turn-On and Fast Turn-Off
• Logic-Level Control/Enable Input
Applications
• USB Power Distribution
• 3.3V and 5V Power Management
• PC Card Inrush Limiting Switch
• Hot Plug-In Power Supplies
• Battery Charger Circuits
General Description
The MIC2505, MIC2505-1, MIC2505-2, and MIC2506
are single and dual integrated high-side power
switches that consist of TTL-compatible control/enable
inputs, a charge pump, and protected N-channel
MOSFETs. The MIC2505/6 family can be used instead
of separate high-side drivers and MOSFETs in many
low-voltage applications.
The MIC2505/6 family controls voltages ranging from
3.0V to 7.5V. The MIC2505-series can deliver at least
2A continuous current while the MIC2506 can deliver at
least 1A continuous current from each output. A slow
turn-on feature prevents high inrush current when
switching capacitive loads. The internal control circuitry
is powered from the same 3.0V to 7.5V. Within the
device’s input range, outputs can be forced higher than
the input voltage when disabled.
Multipurpose open-drain fault flag outputs indicate
overcurrent limiting, open-load detection (except
MIC2505-1 and -2 versions), thermal shutdown, or
undervoltage lockout for each channel.
Overcurrent limiting is internally fixed and requires no
external components.
Open-load detection is active when the switch is off.
When off, a normal load pulls the output pin low. If the
load is open, an optional, external, high-value resistor
pulls the output pin high, triggering the fault flag.
MIC2505-1 and -2 versions are tailored to Universal
Serial Bus (USB) applications and do not include
open-load detection.
Thermal shutdown turns off the output if the die
temperature exceeds approximately 135°C. If enabled,
the switch automatically restarts when the temperature
falls 10°C.
Undervoltage lockout (UVLO) shuts off the output if the
supply drops below 2.3V typical and re-enables the
output when the supply exceeds 2.5V typical.
Single 2A/Dual 1A High-Side Switches


Similar Part No. - MIC2506

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2506 MICREL-MIC2506 Datasheet
626Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
MIC2506BM MICREL-MIC2506BM Datasheet
147Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
MIC2506BM MICREL-MIC2506BM Datasheet
626Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
MIC2506BN MICREL-MIC2506BN Datasheet
147Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
MIC2506BN MICREL-MIC2506BN Datasheet
626Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
More results

Similar Description - MIC2506

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505_04 Datasheet
626Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
MIC2505 MICREL-MIC2505 Datasheet
147Kb / 12P
   Single 2A / Dual 1A / High-Side Switches
logo
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
   2A High Side Load Switches
logo
Linear Technology
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
   Single and Dual Protected High Side Switches
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
   Single and Dual Protected High Side Switches
logo
Richtek Technology Corp...
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
   90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
logo
Micrel Semiconductor
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
   Dual High Side Power Switches
logo
STMicroelectronics
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
   Single channel high-side switches
Rev 2 - June 2020
logo
Micrel Semiconductor
MIC94066 MICREL-MIC94066_11 Datasheet
877Kb / 10P
   Dual High Side Power Switches
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com