Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4600YML-TR Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC4600YML-TR
Description  28V Half-Bridge MOSFET Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600YML-TR Datasheet(HTML) 4 Page - Microchip Technology

  MIC4600YML-TR Datasheet HTML 1Page - Microchip Technology MIC4600YML-TR Datasheet HTML 2Page - Microchip Technology MIC4600YML-TR Datasheet HTML 3Page - Microchip Technology MIC4600YML-TR Datasheet HTML 4Page - Microchip Technology MIC4600YML-TR Datasheet HTML 5Page - Microchip Technology MIC4600YML-TR Datasheet HTML 6Page - Microchip Technology MIC4600YML-TR Datasheet HTML 7Page - Microchip Technology MIC4600YML-TR Datasheet HTML 8Page - Microchip Technology MIC4600YML-TR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MIC4600
DS20005584A-page 4
 2016 Microchip Technology Inc.
Fault
Fault Over Temperature
150
°C
TJ Rising
Over Temperature
Hysteresis
23
°C
FAULT Logic Level Low
0.05
0.2
VIFAULT = 5 mA
FAULT Pin Leakage
Current
0.01
0.1
μAVFAULT = 5.5V
Input Control
HSI Logic Level High
1.4
——
V—
HSI Logic Level Low
——
0.65
V—
HSI Bias Current
0.01
0.1
μAVHSI = 5V
LSI Logic Level High
1.4
——
V—
LSI Logic Level Low
——
0.65
V—
LSI Bias Current
0.01
0.1
μAVLSI = 5V
Timing
Dead Time
18.7
ns
RDELAY = 105 kΩ
Switching Frequency
Range
1.5
MHz
Minimum Allowable Pulse
Width
32
ns
Rise Time (DH, DL)
15
ns
CLOAD = 3 nF, 10%VDD to
90%VDD
Fall Time (DH,DL)
13.5
ns
CLOAD = 3 nF, 90%VDD to
10%VDD
Propagation Delay,
Rising HSI to DH
26
ns
GND to 10%xVDD
Propagation Delay,
Rising LSI to DL
18
ns
GND to 10%xVDD
Propagation Delay,
Falling HSI to DH
55
ns
VDD to 90%xVDD
Propagation Delay,
Falling LSI to DL
14
ns
VDD to 90%xVDD
MOSFET Drivers
DH RDS(ON), High
2
3
Ω
IDH = 20 mA
DH RDS(ON), Low
1.5
3
Ω
IDH = –20 mA
DL RDS(ON), High
2
3
Ω
IDL = 20 mA
DL RDS(ON), Low
1
2
Ω
IDL = –20 mA
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
Unless otherwise indicated, VIN = VEN = 12V, VBST – VSW = 5V; TA = 25°C,
CVIN = CVDD = 1 μF. Bold values indicate –40°C ≤ TJ +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specified for packaged product only.


Similar Part No. - MIC4600YML-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4600YML-TR MICROCHIP-MIC4600YML-TR Datasheet
1Mb / 26P
   28V Half-Bridge MOSFET Driver
Revision B November 2020
More results

Similar Description - MIC4600YML-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600_V01 Datasheet
1Mb / 26P
   28V Half-Bridge MOSFET Driver
Revision B November 2020
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022_05 Datasheet
198Kb / 10P
   Half-Bridge MOSFET Driver
MIC5022 MICREL-MIC5022 Datasheet
130Kb / 9P
   Half-Bridge MOSFET Driver
logo
Monolithic Power System...
EVQ6523-R-00A MPS-EVQ6523-R-00A Datasheet
483Kb / 5P
   0.9A, 28V Three half-bridge Motor Driver Evaluation Board
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
   0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
   0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
logo
Allegro MicroSystems
A4926 ALLEGRO-A4926 Datasheet
785Kb / 36P
   Automotive Half-Bridge MOSFET Driver
A4928 ALLEGRO-A4928 Datasheet
1Mb / 41P
   Automotive Half-Bridge MOSFET Driver
A4927 ALLEGRO-A4927 Datasheet
857Kb / 40P
   Automotive Half-Bridge MOSFET Driver
logo
AiT Semiconductor Inc.
AG2104 AITSEMI-AG2104 Datasheet
557Kb / 9P
   MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com