Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4607-1YML-T5 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC4607-1YML-T5
Description  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607-1YML-T5 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC4607-1YML-T5 Datasheet HTML 6Page - Microchip Technology MIC4607-1YML-T5 Datasheet HTML 7Page - Microchip Technology MIC4607-1YML-T5 Datasheet HTML 8Page - Microchip Technology MIC4607-1YML-T5 Datasheet HTML 9Page - Microchip Technology MIC4607-1YML-T5 Datasheet HTML 10Page - Microchip Technology MIC4607-1YML-T5 Datasheet HTML 11Page - Microchip Technology MIC4607-1YML-T5 Datasheet HTML 12Page - Microchip Technology MIC4607-1YML-T5 Datasheet HTML 13Page - Microchip Technology MIC4607-1YML-T5 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
MIC4607
DS20005610A-page 10
 2016 Microchip Technology Inc.
FIGURE 2-13:
HO/LO Source
On-Resistance vs. VDD.
FIGURE 2-14:
HO/LO Source
On-Resistance vs. Temperature.
FIGURE 2-15:
Propagation Delay (HI/LI
Input) vs. VDD Voltage.
FIGURE 2-16:
Propagation Delay (HI/LI
Input) vs. Temperature.
FIGURE 2-17:
Output Rise Time vs. VDD
Voltage.
FIGURE 2-18:
Output Fall Time vs. VDD
Voltage.
5
10
15
20
25
5
6
7
8
9
10 11 12 13 14 15 16
VDD (V)
–40ºC
25ºC
125ºC
IHO/LO = −50mA
VxHS = GND
VEN = VHB = VDD
5
10
15
20
25
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD = 16V
VDD = 12V
IHO/LO = −50mA
VxHS = GND
VEN = VHB = VDD
VDD = 5.5V
20
30
40
50
60
70
56789
10 11 12 13 14 15 16
VDD (V)
tHPLH
tHPHL
tLPLH
TAMB = 25°C
VxHS = 0V
CL= 1nF
tLPHL
20
30
40
50
60
70
-50
-25
0
255075
100
125
TEMPERATURE (°C)
tHPLH
tHPHL
tLPLH
VDD = 12V
VxHS = 0V
CL=1nF
tLPHL
10
15
20
25
30
35
40
45
50
56789
10 11 12 13 14 15 16
VDD (V)
25°C
–40°C
125°C
VxHS = 0V
CL = 1nF
5
10
15
20
25
30
35
40
45
56789
10 11 12 13 14 15 16
VDD (V)
25°C
–40°C
125°C
VxHS = 0V
CL = 1nF


Similar Part No. - MIC4607-1YML-T5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600 Datasheet
342Kb / 26P
   28V Half-Bridge MOSFET Driver
06/23/16
MIC4600 MICROCHIP-MIC4600 Datasheet
1Mb / 26P
   28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
342Kb / 26P
   28V Half-Bridge MOSFET Driver
06/23/16
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
1Mb / 26P
   28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600YML-TR MICROCHIP-MIC4600YML-TR Datasheet
342Kb / 26P
   28V Half-Bridge MOSFET Driver
06/23/16
More results

Similar Description - MIC4607-1YML-T5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4605 MICROCHIP-MIC4605 Datasheet
1Mb / 34P
   85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
MIC4606 MICROCHIP-MIC4606 Datasheet
2Mb / 40P
   85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
Revision D December 2019
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G_07 Datasheet
300Kb / 15P
   H-Bridge Driver IC Adjustable dead time with shoot through protection
Rev 2.3 2007-01-11
TLE6284G INFINEON-TLE6284G_07 Datasheet
256Kb / 16P
   H-Bridge Driver IC Deactivation of dead time and shoot through protection possible
Rev 2.3 2007-01-11
logo
Micrel Semiconductor
MIC4102 MICREL-MIC4102 Datasheet
645Kb / 17P
   100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
logo
Microchip Technology
MIC4102 MICROCHIP-MIC4102 Datasheet
703Kb / 28P
   100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
07/14/15
MIC4102 MICROCHIP-MIC4102_V01 Datasheet
2Mb / 28P
   100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
Revision B (May 2022)
logo
MIC GROUP RECTIFIERS
MIC4102 MIC-MIC4102_11 Datasheet
646Kb / 17P
   100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
logo
International Rectifier
IRS20124S IRF-IRS20124S Datasheet
218Kb / 24P
   DIGITAL AUDIO DRIVER WITH DISCRETE DEAD-TIME AND PROTECTION
logo
Monolithic Power System...
HR1001C MPS-HR1001C Datasheet
1Mb / 26P
   Enhanced LLC Controller with Adaptive Dead-Time Control, Capacitive Mode Protection and Enhanced Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com