Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5202-4.8YM Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC5202-4.8YM
Description  Dual 100 mA Low-Dropout Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5202-4.8YM Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC5202-4.8YM Datasheet HTML 7Page - Microchip Technology MIC5202-4.8YM Datasheet HTML 8Page - Microchip Technology MIC5202-4.8YM Datasheet HTML 9Page - Microchip Technology MIC5202-4.8YM Datasheet HTML 10Page - Microchip Technology MIC5202-4.8YM Datasheet HTML 11Page - Microchip Technology MIC5202-4.8YM Datasheet HTML 12Page - Microchip Technology MIC5202-4.8YM Datasheet HTML 13Page - Microchip Technology MIC5202-4.8YM Datasheet HTML 14Page - Microchip Technology MIC5202-4.8YM Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2016 Microchip Technology Inc.
DS20005614A-page 11
MIC5202
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
Package Type
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1VOUT1
Output of regulator 1.
2
GND1
Ground pin of LDO1.
3VOUT2
Output of regulator 2.
4
GND2
Ground pin of LDO2.
5
EN2
Enable input for LDO2. Active-high Input. Logic-high = On, logic-low = Off. Do not
leave floating.
6VIN2
Voltage input for LDO2.
7
EN1
Enable input for LDO1. Active-high Input. Logic-high = On, logic-low = Off. Do not
leave floating.
8VIN1
Voltage input for LDO1.
MIC5202
8-Pin SOIC (M)
(Top View)
VOUT1
1
2
3
8
7
6
GND1
VOUT2
VIN2
EN1
VIN1
5
EN2
4
GND2


Similar Part No. - MIC5202-4.8YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5202-4.8YM MICREL-MIC5202-4.8YM Datasheet
135Kb / 7P
   Dual 100mA Low-Dropout Regulator
MIC5202-4.8YM MICREL-MIC5202-4.8YM Datasheet
1Mb / 10P
   Dual, 100mA Low-Dropout Regulator
More results

Similar Description - MIC5202-4.8YM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5200 MICROCHIP-MIC5200 Datasheet
320Kb / 24P
   100 mA Low-Dropout Regulator
06/23/16
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
AMC2951 ETC-AMC2951 Datasheet
226Kb / 8P
   100 MA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LP2950 UTC-LP2950_05 Datasheet
95Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950 Datasheet
711Kb / 9P
   100 mA Low-Dropout Voltage Regulator
logo
Unisonic Technologies
LP2950 UTC-LP2950_09 Datasheet
294Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
UTCLP2950 UTC-UTCLP2950 Datasheet
159Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
   100 mA Low Dropout Linear Regulator
REV. A
logo
Microchip Technology
LP2951 MICROCHIP-LP2951 Datasheet
2Mb / 30P
   100 mA Low-Dropout Voltage Regulator
09/14/21
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com