Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDP158RSBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TDP158RSBR
Description  6-Gbps, AC-Coupled to TMDS or HDMI Redriver
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP158RSBR Datasheet(HTML) 1 Page - Texas Instruments

  TDP158RSBR Datasheet HTML 1Page - Texas Instruments TDP158RSBR Datasheet HTML 2Page - Texas Instruments TDP158RSBR Datasheet HTML 3Page - Texas Instruments TDP158RSBR Datasheet HTML 4Page - Texas Instruments TDP158RSBR Datasheet HTML 5Page - Texas Instruments TDP158RSBR Datasheet HTML 6Page - Texas Instruments TDP158RSBR Datasheet HTML 7Page - Texas Instruments TDP158RSBR Datasheet HTML 8Page - Texas Instruments TDP158RSBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
TDP158
HDMI
Connector
IN_CLKp/n
OUT_CLKp/n
IN_D1p/n
OUT_D1p/n
IN_D0p/n
OUT_D0p/n
OUT_D2p/n
IN_D2p/n
5 V
SDA_SRC
SCL_SRC
SDA_SNK
SCL_SNK
HPD_SRC
HPD_SNK
SDA_CTL
SCL_CTL
3.3 V
DP++ TX
Or
AC Coupled
HDMI TX
DDC
HPD
I
2C
OE
VSADJ
GPU
Copyright © 2016, Texas Instruments Incorporated
TDP158
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TDP158
SLLSEX2 – DECEMBER 2016
TDP158 6-Gbps, AC-Coupled to TMDS™ or HDMI™ Redriver
1
1 Features
1
AC-Coupled Receiver Supporting AC-Coupled
HDMI or DP++ Signaling Data Rates up to 6 Gbps
Transmitter is Compatible with HDMI TMDS
Electrical Parameters up to 6 Gbps
Support 4k2k60p and up to WUXGA 16-bit Color
Depth or 1080p with Higher Refresh Rates.
Programmable Fixed Receiver Equalizer up to 15
dB
Global or Independent High Speed Lane Control
I2C or Pin Strap Programmable
Transmitter Swing, Pre-emphasis, Slew Rate and
Termination are Programmable by Pin Strapping
or I2C
Configurable as a DisplayPort Redriver via I2C
40-pin, 5 mm x 5 mm, 0.4 mm Pitch QFN
Package
Extended Commercial Temperature Support
0°C – 85°C (TDP158)
Industrial Temperature support –40°C to 85°C
(TDP158I)
Pin Compatible to the SN65/75DP159RSB
Retimer
2 Applications
Notebook PC Market
Audio/Video Equipment
Blu-ray™ DVD
Desktops/ All-in-Ones
Tablet
Gaming Systems
3 Description
The TDP158 device is an AC-Coupled HDMI signal to
transition-minimized
differential
signal
(TMDS)
Redriver supporting digital video interface (DVI) 1.0
and high-definition multimedia interface (HDMI) 1.4b
and 2.0b output signals. The TDP158 supports four
TMDS channels and Digital Display Control (DDC)
interfaces. The TDP158 supports signaling rates up
to 6 Gbps to allow for the highest resolutions of
4k2k60p 24 bits per pixel and up to WUXGA 16-bit
color depth or 1080p with higher refresh rates. The
TDP158 can be configured to support the HDMI2.0
standard.
The TDP158 supports dual power supply rails of 1.1
V on VDD and 3.3 V on VCC for power reduction.
Several
methods
of
power
management
are
implemented to reduce overall power consumption.
TDP158 supports fixed receiver EQ gain using I2C or
pin strap to compensate for different lengths input
cable or board traces.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TDP158
WQFN (40)
5.00 mm x 5.00 mm
TDP158I
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Spacer
Simplified Schematic
Display


Similar Part No. - TDP158RSBR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDP1500 ETC2-TDP1500 Datasheet
258Kb / 8P
   Differential Probes
logo
TEKTRONIX, INC.
TDP1500 TEKTRONIX-TDP1500 Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TDP1500 TEKTRONIX-TDP1500 Datasheet
2Mb / 46P
   Mixed Domain Oscilloscopes
TDP1500 TEKTRONIX-TDP1500 Datasheet
2Mb / 40P
   Mixed Domain Oscilloscopes
More results

Similar Description - TDP158RSBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS1204 TI-TMDS1204 Datasheet
2Mb / 75P
[Old version datasheet]   TMDS1204 12-Gbps, DC or AC-Coupled to TMDS® and FRL HDMI™ Hybrid Redriver
AUGUST 2022
TDP0604 TI-TDP0604 Datasheet
1Mb / 58P
[Old version datasheet]   TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP0604 TI-TDP0604_V01 Datasheet
2Mb / 65P
[Old version datasheet]   TDP0604 6-Gbps, DC or AC-Coupled to HDMI??2.0 Level Shifter Hybrid Redriver
DECEMBER 2021
TDP1204 TI-TDP1204 Datasheet
2Mb / 79P
[Old version datasheet]   TDP1204 12-Gbps, DC/AC-Coupled to HDMI™ 2.1 Level Shifter Hybrid Redriver
JULY 2022
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
[Old version datasheet]   6 Gbps TMDS Retimer
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
logo
Texas Instruments
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com