Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS6104 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS6104
Description  Internal Power Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS6104 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS6104 Datasheet HTML 1Page - Advanced Monolithic Systems AMS6104 Datasheet HTML 2Page - Advanced Monolithic Systems AMS6104 Datasheet HTML 3Page - Advanced Monolithic Systems AMS6104 Datasheet HTML 4Page - Advanced Monolithic Systems AMS6104 Datasheet HTML 5Page - Advanced Monolithic Systems AMS6104 Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS6104
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency VS Load for 5V output application achieving 0.5A
3.3V Input, 5V Output; normalized Load Regulation
Efficiency VS Supply for 12V Output at 100mA load
Light Load Line regulation (reverse load regulation)
for 12V Output
Load Transient 25-75% load 12V Output
Normal Switching Waveform
3.3 to 5V efficiency
0.8
0.81
0.82
0.83
0.84
0.85
0.86
0.87
0.88
0.89
0.9
0
0.1
0.2
0.3
0.4
0.5
0.6
Load Regulation
0.98
0.985
0.99
0.995
1
1.005
1.01
0
0.1
0.2
0.3
0.4
0.5
0.6
Efficiency Vs Supply for 100mA load
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
Line regualtion @10mA
0.996
0.998
1
1.002
1.004
1.006
1.008
1.01
0
2
4
6
8
10
12
14


Similar Part No. - AMS6104

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS6104 AMS-AMS6104 Datasheet
227Kb / 6P
   1A SWITCH BOOST CONVERTER
AMS6104M1 AMS-AMS6104M1 Datasheet
227Kb / 6P
   1A SWITCH BOOST CONVERTER
More results

Similar Description - AMS6104

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NMFAAAA ONSEMI-NMFAAAA Datasheet
60Kb / 10P
   Optional Internal Switch
March, 2004 ??Rev. P0
logo
Cynergy3 Co
RSF30 CYNERGY3-RSF30 Datasheet
267Kb / 1P
   100VA Internal fitting switch
SSF23 CYNERGY3-SSF23 Datasheet
1Mb / 1P
   M16 internal fitting switch
SSF22 CYNERGY3-SSF22 Datasheet
2Mb / 1P
   Miniature internal fitting switch
logo
Linear Technology
LTC4263-1 LINER-LTC4263-1 Datasheet
288Kb / 20P
   High Power Single PSE Controller with Internal Switch
LTC4263-1 LINER-LTC4263-1_15 Datasheet
291Kb / 20P
   High Power Single PSE Controller with Internal Switch
logo
List of Unclassifed Man...
AIC1531 ETC2-AIC1531 Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
logo
Silicon Standard Corp.
SS6531 SSC-SS6531 Datasheet
933Kb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
logo
Advanced Monolithic Sys...
AMS1076 AMS-AMS1076 Datasheet
793Kb / 5P
   1A Output Current 0.45廓 Internal Power MOSFET Switch
logo
Level One
FSW-2218 LVL1-FSW-2218 Datasheet
117Kb / 2P
   8-port 10/100Mbps Fast Etherent Switch w/ Internal Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com