Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS6104 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS6104
Description  Internal Power Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS6104 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS6104 Datasheet HTML 1Page - Advanced Monolithic Systems AMS6104 Datasheet HTML 2Page - Advanced Monolithic Systems AMS6104 Datasheet HTML 3Page - Advanced Monolithic Systems AMS6104 Datasheet HTML 4Page - Advanced Monolithic Systems AMS6104 Datasheet HTML 5Page - Advanced Monolithic Systems AMS6104 Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS6104
Monolithic
1A SWITCH BOOST CONVERTER
Systems
RoHS compliant
FEATURES
APPLICATIONS
•••• Internal Power Switch
•••• Handheld Computers, PDA’s
•••• Output Voltage up to 20V
•••• Cell Phones
•••• Up to 89% Efficiency
•••• Digital Still and Video Games
•••• Low 0.08µA Shutdown Supply Current
•••• Small LCD Displays
•••• Internal Current Limit
•••• Thermal Shutdown
•••• Available in 5-Pin SOT-23 Package
GENERAL DESCRIPTION
The AMS6104 is an adjustable step-up DC/DC converter with a 1Amp internal switch. The low quiescent current of typical
300µA, makes AMS6104 attractive for battery operated applications. AMS6104 operates at switching frequencies of 500 kHz
allowing for easy filtering and low noise. The reference voltage is set at 1.23V. Internally compensated and internal soft-start
minimizes the number of external components necessary. It operates from 1.3V to 15V supply and it is thermally and over
current protected. The AMS6104 is available in SOT23-5 leads package.
ORDERING INFORMATION
PIN CONNECTIONS
TYPICAL APPLICATION
5L SOT-23
(M1)
Top View
OUTPUT
PACKAGE TYPE
TEMP.
VOLTAGE
5 Lead SOT-23
RANGE
Adjustable
AMS6104M1
-25°C to 125°C


Similar Part No. - AMS6104

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS6104 AMS-AMS6104 Datasheet
227Kb / 6P
   1A SWITCH BOOST CONVERTER
AMS6104M1 AMS-AMS6104M1 Datasheet
227Kb / 6P
   1A SWITCH BOOST CONVERTER
More results

Similar Description - AMS6104

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NMFAAAA ONSEMI-NMFAAAA Datasheet
60Kb / 10P
   Optional Internal Switch
March, 2004 ??Rev. P0
logo
Cynergy3 Co
RSF30 CYNERGY3-RSF30 Datasheet
267Kb / 1P
   100VA Internal fitting switch
SSF23 CYNERGY3-SSF23 Datasheet
1Mb / 1P
   M16 internal fitting switch
SSF22 CYNERGY3-SSF22 Datasheet
2Mb / 1P
   Miniature internal fitting switch
logo
Linear Technology
LTC4263-1 LINER-LTC4263-1 Datasheet
288Kb / 20P
   High Power Single PSE Controller with Internal Switch
LTC4263-1 LINER-LTC4263-1_15 Datasheet
291Kb / 20P
   High Power Single PSE Controller with Internal Switch
logo
List of Unclassifed Man...
AIC1531 ETC2-AIC1531 Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
logo
Silicon Standard Corp.
SS6531 SSC-SS6531 Datasheet
933Kb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
logo
Advanced Monolithic Sys...
AMS1076 AMS-AMS1076 Datasheet
793Kb / 5P
   1A Output Current 0.45廓 Internal Power MOSFET Switch
logo
Level One
FSW-2218 LVL1-FSW-2218 Datasheet
117Kb / 2P
   8-port 10/100Mbps Fast Etherent Switch w/ Internal Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com