Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS3120S Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS3120S
Description  2A maximum output current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3120S Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS3120S Datasheet HTML 1Page - Advanced Monolithic Systems AMS3120S Datasheet HTML 2Page - Advanced Monolithic Systems AMS3120S Datasheet HTML 3Page - Advanced Monolithic Systems AMS3120S Datasheet HTML 4Page - Advanced Monolithic Systems AMS3120S Datasheet HTML 5Page - Advanced Monolithic Systems AMS3120S Datasheet HTML 6Page - Advanced Monolithic Systems AMS3120S Datasheet HTML 7Page - Advanced Monolithic Systems AMS3120S Datasheet HTML 8Page - Advanced Monolithic Systems AMS3120S Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AMS3120
2A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
2
Fax (925) 443-0723
Pin Description (SO-8EP package)
Pin #
Symbol
Description
1
NC
No connection
2
EN
Enable pin. It controls the electrical on/off of the device. When connected to logic
low, the device shuts off and consumes 1µA of current. A logic high will resume
normal operation.
3
VIN
Input supply Voltage. It powers the internal control circuitry and the internal power
switch. Bypass VIN with at ceramic capacitor from this pin to ground.
4
NC
No Connection
PG
Power Good pin. It is an open collector, active high output that indicates the status
of the output voltage. When output voltage (VOUT) exceeds the PG trip threshold,
the PG pin goes in to a high impedance state. When the device is out of regulation
or shutdown, the PG pin is pulled low. A 10KΩ to 1MΩ resistor should be
connected from PG to VOUT.
5
NC
No Connection
6
VOUT
Output Voltage
7
ADJ
Provides feedback to error amplifier from the resistive divider that sets the output
voltage.
NC
No Connection
8,9
GND
Ground
Pin Configuration
SO-8EP (Top View)


Similar Part No. - AMS3120S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3120 AMS-AMS3120 Datasheet
409Kb / 9P
   2A Fast Transient Linear Regulator
More results

Similar Description - AMS3120S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1067 AMS-AMS1067 Datasheet
5Mb / 5P
   2A Output Current
AMS1069 AMS-AMS1069 Datasheet
1Mb / 5P
   2A Output Current
logo
Shenzhen Luguang Electr...
LGE78M05 LUGUANG-LGE78M05 Datasheet
451Kb / 5P
   Maximum Output current
logo
SHENZHEN KOO CHIN ELECT...
78L05 KOOCHIN-78L05 Datasheet
1,004Kb / 1P
   Maximum Output current
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
   Guaranteed Output Current of 2A
logo
SHANGHAI BELLING CO., L...
BL78L05D BELLING-BL78L05D Datasheet
113Kb / 3P
   Maximum Output current - 0.1A
logo
Semtech Corporation
SC4524D SEMTECH-SC4524D Datasheet
790Kb / 21P
   18V 2A Step-Down Switching Regulator 2A Output Current
logo
Seaward Electronics Inc...
SE3608 SEAWARD-SE3608 Datasheet
337Kb / 8P
   2A/1.2Mhz Output Current, Boost Converter
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com