Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS2596S Datasheet(PDF) 8 Page - Advanced Monolithic Systems

Part # AMS2596S
Description  Internal compensation
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2596S Datasheet(HTML) 8 Page - Advanced Monolithic Systems

Back Button AMS2596S Datasheet HTML 4Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 5Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 6Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 7Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 8Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 9Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 10Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 11Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 12Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AMS2596
3A 30V Step-Down Converter
3/4/2010
www.advanced-monolithic.com
Phone (925) 443-0722
8
Fax (925) 443-0723
Device Summary
The AMS2596 is a high voltage fixed frequency step-
down converter with a current capability of up to 5A.
The peak current mode step-down converter has
internal compensation and is stable with a wide range
of
ceramic,
tantalum,
and
electrolytic
output
capacitors. The step-down converter output voltage is
sensed through an external resistive divider that feeds
the negative input to an internal transconductance
error amplifier. The output of the error amplifier is
connected to the input to a peak current mode
comparator. The inductor current is sensed as it
passes through the power switch, amplified and is
also fed to the current mode comparator. The error
amplifier regulates the output voltage by controlling
the peak inductor current passing through the power
switch so that, in steady state, the average inductor
current equals the load current. The step-down
converter has an input voltage range of 4.5V to 20V
with an output voltage as low as 0.6V.
Shutdown
The enable input has two levels so that the step-down
converter can be enabled independently of the LDO.
The enable threshold for the step-down converter is
2.0V while the enable threshold for the linear regulator
output is 2.5V typical.
Fault Protection
Short circuit and over-temperature shutdown disable
the converter and LDO in the event of an overload
condition.
Application
Inductor
The step-down converter inductor is typically selected
to limit the ripple current to 40% of the full load output
current. Solve for this value at the maximum input
voltage where the inductor ripple current is greatest.
L= Vin-Vo ·
Vo
Vin·Io·0.4·Fs
L= 12V-5V ·
5V
12V·3A·0.4·150kHz
=16µH
For most applications the duty cycle of the AMS2596
step down converter is less than 50% duty and does
not require slope compensation for stability. This
provides some flexibility in the selected inductor
value. Given the above selected value, others values
slightly greater or less may be examined to determine
the effect on efficiency without a detrimental effect on
stability.
With and inductor value selected, the ripple current
can be calculated:
Ipp=
(Vo+Vfwd)·(1-D)
·L·Fs
Using the maximum input voltage values the ripple is:
Ipp=
(5V+0.2V)· 1-0.44
22μH·150kHz
=0.88A
Once the appropriate value is determined, the
component is selected based on the DC current and
the peak (saturation) current. Select an inductor that
has a DC current rating greater than the full load
current of the application. The DC current rating is
also
reflected
in
the
DC
resistance
(DCR)
specification of the inductor. The inductor DCR should
limit the inductor loss to less than 2% of the step-
down converter output power.
The peak current at full load is equal to the full load
DC current plus one half of the ripple current. As
mentioned before, the ripple current varies with input
voltage and is a maximum at the maximum input
voltage.
Ipkmax=Io+
(Vo+Vfwd)·(1-Dmin)
2·L·Fs
Dmin=
Vo
Vinmax
The duty cycle can be more accurately estimated by
including the drops of the external Schottky diode and
the internal power switch:
Dmin=
Vo+Vfwd
Vinmax-V
o+Vfwd
Dmin=
5V+0.2V
12V-0.3V+0.2V
=0.44
Vfwd is the diode freewheeling diode drop and Vsw is
the collector to emitter drop of the internal power
switch.
With a good estimate of the duty cycle (D) the
inductor peak current can be determined:
Ipkmax=3A+
(5V+0.2V)·(1-0.44)
2·22µH·150kHz
=3.44A


Similar Part No. - AMS2596S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2596S-ADJ AMS-AMS2596S-ADJ Datasheet
419Kb / 9P
   3.3V, 5V, 12Vand adjustable versions
AMS2596S-XX AMS-AMS2596S-XX Datasheet
419Kb / 9P
   3.3V, 5V, 12Vand adjustable versions
More results

Similar Description - AMS2596S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCS1604SL-D08-T UTC-UCS1604SL-D08-T Datasheet
274Kb / 7P
   Internal Slope Compensation
logo
Leshan Radio Company
LR4558 LRC-LR4558_15 Datasheet
255Kb / 7P
   Internal Frequency Compensation
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 18P
   Step-Down DC-DC Converter with Internal Compensation
Rev 1; 2/14
logo
Leshan Radio Company
LR4558 LRC-LR4558_12 Datasheet
255Kb / 7P
   Internal Frequency Compensation High Input Resistance with 5MTypical
logo
Diodes Incorporated
AP64102Q DIODES-AP64102Q_V01 Datasheet
1Mb / 21P
   AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 July 2021
AP64352Q DIODES-AP64352Q_V01 Datasheet
1Mb / 21P
   AUTOMOTIVE-COMPLIANT, 40V, 3.5A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 June 2020
AP64202Q DIODES-AP64202Q_V01 Datasheet
1Mb / 21P
   AUTOMOTIVE-COMPLIANT, 40V, 2A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 July 2021
AP64502Q DIODES-AP64502Q_V01 Datasheet
1Mb / 21P
   AUTOMOTIVE-COMPLIANT, 40V, 5A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 December 2020
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Texas Instruments
LM3410 TI1-LM3410 Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com