Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP96002FE40 Datasheet(PDF) 3 Page - Motorola, Inc

Part # DSP96002FE40
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP96002FE40 Datasheet(HTML) 3 Page - Motorola, Inc

  DSP96002FE40 Datasheet HTML 1Page - Motorola, Inc DSP96002FE40 Datasheet HTML 2Page - Motorola, Inc DSP96002FE40 Datasheet HTML 3Page - Motorola, Inc DSP96002FE40 Datasheet HTML 4Page - Motorola, Inc DSP96002FE40 Datasheet HTML 5Page - Motorola, Inc DSP96002FE40 Datasheet HTML 6Page - Motorola, Inc DSP96002FE40 Datasheet HTML 7Page - Motorola, Inc DSP96002FE40 Datasheet HTML 8Page - Motorola, Inc DSP96002FE40 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 111 page
background image
DSP96002
Features
MOTOROLA
DSP96002/DRev. 2
iii
FEATURES
Digital signal processing core
Efficient 32-bit DSP engine
Conforms to IEEE 754-1985 standard for single precision (32-bit) and single
extended precision (44-bit) arithmetic
Up to 30 Million Instructions Per Second (MIPS) at 60 MHz
Parallel operation of Data ALU, Address Generation Unit (AGU), and program
controller within the CPU allow more processing per instruction cycle
Single-cycle 32
× 32 bit parallel multiplier
Highly parallel instruction set with unique DSP addressing modes
Nested hardware DO loops
Instruction cache extended to operate as 4 K byte (1 K word)
Fast auto-return interrupts
Address buses:
One 32-bit unidirectional internal X memory Address Bus (XAB)
One 32-bit unidirectional internal Y memory Address Bus (YAB)
One 32-bit internal Program Address Bus (PAB)
Two 32-bit external address buses
Data buses:
One 32-bit bidirectional internal X memory Data Bus (XDB)
One 32-bit bidirectional internal Y memory Data Bus (YDB)
One 32-bit bidirectional internal Global memory Data Bus (GDB)
One 32-bit bidirectional internal DMA Data Bus (DDB)
One 32-bit bidirectional internal Program Data Bus (PDB)
Two 32-bit external data buses
MCU-like instruction set mnemonics make programming easier
Memory
On-chip 1024
× 32-bit Program RAM
Two independent on-chip 512
× 32-bit data RAMs
Two independent on-chip 512
× 32-bit data ROMs (1024 × 32-bit virtual memory)
On-chip 64
× 32-bit bootstrap ROM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP96002FE40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP96002FE40 NXP-DSP96002FE40 Datasheet
12Mb / 111P
   32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Rev. 2
More results

Similar Description - DSP96002FE40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP96002 NXP-DSP96002 Datasheet
12Mb / 111P
   32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Rev. 2
logo
STMicroelectronics
SST-MELODY STMICROELECTRONICS-SST-MELODY Datasheet
409Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
logo
Analog Devices
SST-MELODY-SHARC AD-SST-MELODY-SHARC_15 Datasheet
414Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
logo
STMicroelectronics
IMST805E STMICROELECTRONICS-IMST805E Datasheet
3Mb / 70P
   32-bit floating-point transputer - xtended temperature
logo
Analog Devices
ADSP-21020 AD-ADSP-21020 Datasheet
422Kb / 32P
   32/40-Bit IEEE Floating-Point DSP Microprocessor
REV. C
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com