Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT860-BT861 Datasheet(PDF) 17 Page - Synaptics Incorporated.

Part # BT860-BT861
Description  Multiport YCrCb to NTSC / PAL / SECAM Digital Video Encoder
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT860-BT861 Datasheet(HTML) 17 Page - Synaptics Incorporated.

Back Button BT860-BT861 Datasheet HTML 13Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 14Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 15Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 16Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 17Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 18Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 19Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 20Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 21Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 111 page
background image
D860DSA
Conexant
2-1
2
2.0 Inputs and Timing
2.1 Reset
The Bt860/Bt861 has the following reset methods:
power-up reset
RESET* pin reset
software reset register bit
Power-up reset occurs when the part is powered-up. A pin reset occurs when
the RESET* pin is held low. (It is recommended that the pin be held low for a
minimum of 50 system clock cycles.) Both power-up and pin reset cause the
initialization of all chip functions, including video timing and serial programming
registers.
Writing a 1 to register bit SRESET (1B[7]) resets all serial programing
registers to their default states, listed in Section 5.0.
2.1.1 Initialization and Power-up Configuration
At power-up all registers reset to their initial values (see Section 5.0).
The state of the FIELD pin at power-up (or pin reset) determines the default
state of the PCLK_SEL register bit and the initial clock source. If the FIELD pin
is pulled high, the initial clock source is the CLKIN pin; if the FIELD pin is
pulled low, the initial clock source is from the PLL and requires a crystal at the
XTI and XTO pins. If not loaded, the FIELD pin is pulled low with the pin’s
internal pull-down resistor.
The power-up configuration is interlaced NTSC-M, 27 MHz black burst
video, as listed in the default values of the register bit map.
NOTE:
To enable active video, black burst video must be turned off by setting
register bit EACTIVE (1D[1]) to 1. Other video configurations must be
programmed using the part’s serial programming interface registers.


Similar Part No. - BT860-BT861

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT861 ETC-BT861 Datasheet
416Kb / 4P
   High-Performance Multisource Video for a Wide Range of Systems
logo
Synaptics Incorporated.
BT864A CONEXANT-BT864A Datasheet
363Kb / 4P
   High Performance YCrCb to NTSC/PAL Digital Video Encoders
BT864AKRF CONEXANT-BT864AKRF Datasheet
735Kb / 71P
   YCrCb to NTSC/PAL Digital Video Encoder
BT865A CONEXANT-BT865A Datasheet
363Kb / 4P
   High Performance YCrCb to NTSC/PAL Digital Video Encoders
BT865AKRF CONEXANT-BT865AKRF Datasheet
735Kb / 71P
   YCrCb to NTSC/PAL Digital Video Encoder
More results

Similar Description - BT860-BT861

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
BT864AKRF CONEXANT-BT864AKRF Datasheet
735Kb / 71P
   YCrCb to NTSC/PAL Digital Video Encoder
logo
List of Unclassifed Man...
BT856 ETC-BT856 Datasheet
621Kb / 54P
   YCrCb or RGB to NTSC/PAL Digital Video Encoder
logo
Zoran Corporation
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
   NTSC/PAL/SECAM Video Encoder
logo
Analog Devices
ADV7175 AD-ADV7175 Datasheet
447Kb / 36P
   Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
REV. A
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com