Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT860-BT861 Datasheet(PDF) 81 Page - Synaptics Incorporated.

Part # BT860-BT861
Description  Multiport YCrCb to NTSC / PAL / SECAM Digital Video Encoder
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT860-BT861 Datasheet(HTML) 81 Page - Synaptics Incorporated.

Back Button BT860-BT861 Datasheet HTML 77Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 78Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 79Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 80Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 81Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 82Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 83Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 84Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 85Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 111 page
background image
Bt860/861
5.0 Serial Programming Interface and Registers
Multiport YCrCb to NTSC/PAL /SECAM
5.4 Register Detail
D860DSA
Conexant
5-15
Register 08
Register 09
Register 0A
Register
Default
Value
D7
D6
D5
D4
D3
D2
D1
D0
08
7E
AHSYNC_WIDTH[7:0]
AHSYNC_WIDTH[7:0]
Analog Horizontal Sync Width
Measured in system clock cycles, from 50% points of sync pulse.
Register
Default
Value
D7
D6
D5
D4
D3
D2
D1
D0
09
90
HBURST_BEG[7:0]
HBURST_BEG[7:0]
Beginning of Burst
50% point of burst from the 50% point of the analog horizontal sync falling edge,
measured in system clock cycles.
Register
Default
Value
D7
D6
D5
D4
D3
D2
D1
D0
0A
54
HBURST_END[7:0]
HBURST_END[7:0]
End of Burst
50% point of burst from the 50% point of the analog horizontal sync falling edge,
measured in system clock cycles – 128.


Similar Part No. - BT860-BT861

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT861 ETC-BT861 Datasheet
416Kb / 4P
   High-Performance Multisource Video for a Wide Range of Systems
logo
Synaptics Incorporated.
BT864A CONEXANT-BT864A Datasheet
363Kb / 4P
   High Performance YCrCb to NTSC/PAL Digital Video Encoders
BT864AKRF CONEXANT-BT864AKRF Datasheet
735Kb / 71P
   YCrCb to NTSC/PAL Digital Video Encoder
BT865A CONEXANT-BT865A Datasheet
363Kb / 4P
   High Performance YCrCb to NTSC/PAL Digital Video Encoders
BT865AKRF CONEXANT-BT865AKRF Datasheet
735Kb / 71P
   YCrCb to NTSC/PAL Digital Video Encoder
More results

Similar Description - BT860-BT861

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
BT864AKRF CONEXANT-BT864AKRF Datasheet
735Kb / 71P
   YCrCb to NTSC/PAL Digital Video Encoder
logo
List of Unclassifed Man...
BT856 ETC-BT856 Datasheet
621Kb / 54P
   YCrCb or RGB to NTSC/PAL Digital Video Encoder
logo
Zoran Corporation
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
   NTSC/PAL/SECAM Video Encoder
logo
Analog Devices
ADV7175 AD-ADV7175 Datasheet
447Kb / 36P
   Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
REV. A
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com