Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA75676V-S Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA75676V-S
Description  VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75676V-S Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA75676V-S Datasheet HTML 4Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 5Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 6Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 7Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 8Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 9Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 10Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 11Page - Sanyo Semicon Device LA75676V-S Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
No. 6277-8/13
LA75676V-S
Continued from preceding page.
Pin No.
Pin
Function
Equivalent circuit
Equalizer circuit
This circuit corrects the frequency characteristics of
the video signal.
Pin 8 is the input to the EQ amplifier. The EQ amplifier
takes a 1.5 Vp-p video signal as its input and amplifies
that to a 2.0 Vp-p level.
• Notes on the equalizer amplifier design
The equalizer amplifier is designed as a voltage
follower amplifier with a gain of about 2.3 dB. If
frequency characteristics correction is required,
insert the capacitor, inductor, and resistor between
pin 7 and ground in series.
• Using the equalizer amplifier
If the input signal is vi and the output signal vo, then
R1
—— +1
(Vi + Vin) = Vo
× G
Z
G: Gain of the voltage follower amplifier
Vin: Imaginary voltage
G: About 2.3 dB
Assuming Vin
≈ 0, then AV will be:
VoG
R1
AV = —— = —— + 1
Vi
Z
R1 is an IC internal 1 k
Ω resistor. Simply select a
value of Z according to the desired characteristics.
However, note that the equalizer amplifier gain will be
a maximum at the Z resonance, so care is required to
prevent distortion from occurring.
6
7
8
EQ amp
6
7
8
2.2k
200
EQ INPUT
EQ OUTPUT
AGC
C
R
L = Z
1k
A13272
A13273
PLL detector APC filter connection
The APC time constant is switched internally by the IC.
When locked, the VCO is controlled by the route A,
and the gain is reduced. When unlocked or during
weak field reception, the VCO is controlled by the
route B, and the gain is increased.
We recommend the following values for this APC filter:
R = 150 to 390
C = 0.47 µF.
9
APC filter
9
1k
Ω 1kΩ 1kΩ
A
B
FROM
APC DET
A13274
C
+
R
Continued on next page.


Similar Part No. - LA75676V-S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75676V SANYO-LA75676V Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
LA75676V SANYO-LA75676V_07 Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
More results

Similar Description - LA75676V-S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V SANYO-LA75676V_07 Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA7567GM SANYO-LA7567GM Datasheet
185Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with NTSC SPLIT Support
LA7530N SANYO-LA7530N Datasheet
87Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VTR Use
LA7566 SANYO-LA7566 Datasheet
234Kb / 11P
   VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com