Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEC1210I-CN-02NC Datasheet(PDF) 1 Page - Microchip Technology

Part # SEC1210I-CN-02NC
Description  Smart Card Bridge to USB and UART Interfaces
Download  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210I-CN-02NC Datasheet(HTML) 1 Page - Microchip Technology

  SEC1210I-CN-02NC Datasheet HTML 1Page - Microchip Technology SEC1210I-CN-02NC Datasheet HTML 2Page - Microchip Technology SEC1210I-CN-02NC Datasheet HTML 3Page - Microchip Technology SEC1210I-CN-02NC Datasheet HTML 4Page - Microchip Technology SEC1210I-CN-02NC Datasheet HTML 5Page - Microchip Technology SEC1210I-CN-02NC Datasheet HTML 6Page - Microchip Technology SEC1210I-CN-02NC Datasheet HTML 7Page - Microchip Technology SEC1210I-CN-02NC Datasheet HTML 8Page - Microchip Technology SEC1210I-CN-02NC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 1
General Description
The SEC1110 and SEC1210 provide a single-chip
solution for a Smart Card bridge to USB and UART
interfaces. These bridges are controlled by an
enhanced 8051 micro controller and all chip peripher-
als are accessed and controlled through the SFR or
XDATA
register
space.
TrustSpanTM Technology
enables digital systems to securely communicate, pro-
cess, move and store information on system boards,
across networks and through the cloud.
Feature Highlights
• Smart Card
- The SEC1110 provides one Smart Card inter-
face and the SEC1210 provides two
- Fully compliant with ISO/IEC 7816, EMV 4.2/
4.3, ETSI TS 102 221 and PC/SC standards
- Versatile ETU rate generation, supporting
current and proposed rates (up to 826 Kbps)
- Full support of both T=0 and T=1 protocols
- Full-packet FIFO (261 bytes), for transmit
and receive
- Half-duplex operation (no software interven-
tion required between transmit and receive
phases of exchange)
- Loose real-time response required of soft-
ware (approximately 180 ms)
- Dynamically programmable FIFO threshold
with byte granularity
- Time-out FIFO flush interrupt, independent of
threshold
- Programmable Smart Card clock frequency
- UART-like register file structure
- Supports Class A, Class B, Class C, or Class
AB Smart Cards (1.8 V, 3.0 V and 5.0 V
cards)
- Automatic character repetition for T=0 proto-
col parity error recovery
- Automatic card deactivation on card removal
and on other system events, including per-
sistent parity errors
- Internal procedure byte filtering for T=0 proto-
col
- Protocol timers (Guard, Timeout, and CWT)
for EMV-defined timing parameters
–Detection of an unresponsive card
–Activation/deactivation sequences
–Cold/warm resets
–Monitoring for all EMV timing constraints
–16-bit general purpose down counter for software
timing use
- Fully compliant ESD protection on card pins
•USB
- 12 Mbps USB operation compliant to the
USB 2.0 Specification
- Integrated USB 1.5 K pull-up resistor and
Dp,Dm series termination resistors
- Integrated USB devices controller with:
–8/16/32/64 byte control buffer
–Five 8/16/32/64 byte programmable (bulk/
interrupt) endpoint buffers
• 8051 Processor
- Reduced instruction cycle time (approxi-
mately 9 times 80C51)
- 9.6 MHz max clock speed
- Enhanced peripherals; three 16-bit timers,
watchdog timer, interrupt controller, JTAG
- OTP (One Time Programmable)
ROM : 16 KB RAM : 1.5 KB
• Boot ROM : 16 KB UART (SEC1210 only)
Standard PC baud rates supported
3 M baud high-speed rate (not PC standard)
• SPI (SEC1210 only)
- Master capability with 12 MHz max perfor-
mance
• General
- 5.0 V tolerance on user accessible IO pins
- Self-clocking internal oscillator, no external
crystal required
- 3.6 V - 5.5 V supply input
–Internal 4.8 V comparator disables Class A card
support if the input voltage is too low
- Available in commercial (0ºC to +70ºC) and
industrial (-40ºC to +85ºC) temperature
ranges
Applications
• USB Smart Card reader
• UART-based Smart Card reader
• Dual Smart Card reader
SEC1110/SEC1210
Smart Card Bridge to USB and UART Interfaces


Similar Part No. - SEC1210I-CN-02NC

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC1201C SANKEN-SEC1201C Datasheet
24Kb / 1P
   3x1.5 Surface Mount LED (Flat Lens)
SEC1201C SANKEN-SEC1201C Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1201C SANKEN-SEC1201C Datasheet
198Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1203C SANKEN-SEC1203C Datasheet
24Kb / 1P
   3x1.5 Surface Mount LED (Inner Lens)
SEC1203C SANKEN-SEC1203C Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
More results

Similar Description - SEC1210I-CN-02NC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
   UART to USB bridge
February 2014 Rev 1
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
   USB-to-UART Bridge Controller
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
   USB to UART Bridge IC
logo
Megawin Technology Co.,...
MA100 MEGAWIN-MA100 Datasheet
276Kb / 9P
   UART-to- USB Bridge Controller
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122_08 Datasheet
2Mb / 208P
   C51 Microcontroller with USB and Smart Card Reader Interfaces
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com