Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL01-12 Datasheet(PDF) 2 Page - American Microsemiconductor

Part # CL01-12
Description  High Voltage Rectifier Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

CL01-12 Datasheet(HTML) 2 Page - American Microsemiconductor

  CL01-12 Datasheet HTML 1Page - American Microsemiconductor CL01-12 Datasheet HTML 2Page - American Microsemiconductor CL01-12 Datasheet HTML 3Page - American Microsemiconductor CL01-12 Datasheet HTML 4Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A d v a n c i n g t h e S e m i c o n d u c t o r I n d u s t r y S i n c e 1 9 7 2
2CL Series
High Voltage Rectifier Series
© 2013 American Microsemiconductor, Inc.
Specifications are subject to change without notice.
Aerospace Mgmt. Sys. Cert.
AS/EN/JISQ9100:2009 Rev. C
ISO9001:2008
Cert No. 45325
133 Kings Road,
Madison, New Jersey 07940
United States of America
Tel. 1-973-377-9566, Fax. 1-973-377-3078
www.americanmicrosemi.com
Document Page 2 of 4
Revised 06/2013
CL01-12
22
7.5
25.0 Min
0.8±
CL01-15
22
7.5
25.0 Min
0.8±
CL04-09
22
7.5
25.0 Min
0.8±
CL04-12
22
7.5
25.0 Min
0.8±
CL04-15
22
7.5
25.0 Min
0.8±
CL01-10D
9
5
25.0 Min
0.8±
CL01-12D
9
5
25.0 Min
0.8±
CL01-15D
9
5
25.0 Min
0.8±
CL03-10T
22
7.5
20.0 Min
1.2±
CL03-12T
22
7.5
20.0 Min
1.2±
CL03-15T
22
7.5
20.0 Min
1.2±
CL03-18T
22
7.5
20.0 Min
1.2±
CL05-08T
22
7.5
20.0 Min
1.2±
CL05-10T
22
7.5
20.0 Min
1.2±
CL05-12T
22
7.5
20.0 Min
1.2±
CL05-15T
22
7.5
20.0 Min
1.2±
2CL10-10
15
4.5
25.0 Min
0.8±
2CL10-12
15
4.5
25.0 Min
0.8±
2CL10-15
15
4.5
25.0 Min
0.8±
2CL10-20
15
4.5
25.0 Min
0.8±
2CL20-04
6.5
2.5
25.0 Min
0.8±
2CL20-08
15 / 9
4.5 / 5
25.0 Min
0.8±
2CL20-10
15 / 9
4.5 / 5
25.0 Min
0.8±
2CL20-12
15 / 9
4.5 / 5
25.0 Min
0.8±
2CL20-15
15 / 9
4.5 / 5
25.0 Min
0.8±
2CL20-06T
15 / 22
4.5 / 7.5
25.0 Min
0.8±
2CL20-08T
15 / 22
4.5 / 7.5
25.0 Min
0.8±
2CL20-10T
15 / 22
4.5 / 7.5
25.0 Min
0.8±
2CL20-12T
15 / 22
4.5 / 7.5
25.0 Min
0.8±
2CL20-15T
15 / 22
4.5 / 7.5
25.0 Min
0.8±
2CL20-18T
15 / 22
4.5 / 7.5
25.0 Min
0.8±
CL01-09
22
7.5
25.0 Min
0.8±
SERIES DIMENSIONAL DATA (cont.)
Series Type
VRRM (kV)
IF(AV) (mA)
VFM (V)
IFSM (A)
IRRM (μA)
trr (nS)
2CL10-04
4
100
5
10
2.0
---
2CL20-04
4
200
7
20
2.0
---
2CL70
6
5
24.0
0.5
2.0
80
2CL70A
6
5
24.0
0.5
2.0
80
2CL10-06
6
100
7
10
2.0
---
2CL20-06T
6
200
15
20
2.0
100/80
2CL71
8
5
30.0
0.5
2.0
80
2CL71A
8
5
30.0
0.5
2.0
80
2CL0508
8
50
9
5
2.0
---
2CL0508
8
50
16
5
2.0
100
2CL10-08
8
100
9
10
2.0
---
2CL10-08
8
100
16
10
2.0
100
2CL20-08
8
200
9
20
2.0
---
2CL20-08T
8
200
16
20
2.0
100/80
CL05-08T
8
500
16
40
5.0
100/80
2CL01-09
9
350
10
30
5.0
---
CL01-09
9
350
10
30
5.0
---
CL04-09
9
350
10
40
5.0
---
SERIES ELECTRICAL SPECIFICATIONS (cont.)


Similar Part No. - CL01-12

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
CL01-12 DACHANG-CL01-12 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier Reverse Voltage 12KV Forward Current 350mA
logo
GETAI ELECTRONICS DEVIC...
CL01-12 GETEDZ-CL01-12 Datasheet
498Kb / 2P
   High Voltage Silicon Rectifiers Diodes
logo
Anshan Leadsun Electron...
CL01-12 LEADSUN-CL01-12 Datasheet
319Kb / 1P
   High Voltage Diode
logo
GETAI ELECTRONICS DEVIC...
CL01-12 GETEDZ-CL01-12 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
logo
American Microsemicondu...
CL01-12D AMMSEMI-CL01-12D Datasheet
673Kb / 4P
   High Voltage Rectifier Series
More results

Similar Description - CL01-12

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
2CL25KV20MA AMMSEMI-2CL25KV20MA Datasheet
673Kb / 4P
   High Voltage Rectifier Series
2CL0510 AMMSEMI-2CL0510 Datasheet
673Kb / 4P
   High Voltage Rectifier Series
CL04-12 AMMSEMI-CL04-12 Datasheet
673Kb / 4P
   High Voltage Rectifier Series
2CL0508 AMMSEMI-2CL0508 Datasheet
673Kb / 4P
   High Voltage Rectifier Series
CL05-10T AMMSEMI-CL05-10T Datasheet
673Kb / 4P
   High Voltage Rectifier Series
2CL18KV30MA AMMSEMI-2CL18KV30MA Datasheet
673Kb / 4P
   High Voltage Rectifier Series
2CL20-10 AMMSEMI-2CL20-10 Datasheet
673Kb / 4P
   High Voltage Rectifier Series
2CL20KV30MA AMMSEMI-2CL20KV30MA Datasheet
673Kb / 4P
   High Voltage Rectifier Series
2CL25KV30MA AMMSEMI-2CL25KV30MA Datasheet
673Kb / 4P
   High Voltage Rectifier Series
2CL0515 AMMSEMI-2CL0515 Datasheet
673Kb / 4P
   High Voltage Rectifier Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com