Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56311 Datasheet(PDF) 11 Page - Motorola, Inc

Part # DSP56311
Description  DSP56311 Device Errata for Mask
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56311 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button DSP56311 Datasheet HTML 6Page - Motorola, Inc DSP56311 Datasheet HTML 7Page - Motorola, Inc DSP56311 Datasheet HTML 8Page - Motorola, Inc DSP56311 Datasheet HTML 9Page - Motorola, Inc DSP56311 Datasheet HTML 10Page - Motorola, Inc DSP56311 Datasheet HTML 11Page - Motorola, Inc DSP56311 Datasheet HTML 12Page - Motorola, Inc DSP56311 Datasheet HTML 13Page - Motorola, Inc DSP56311 Datasheet HTML 14Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Documentation Errata
DSP56311 Device Errata for Mask 1K34A, Rev. 5
Freescale Semiconductor
11
ED34
Description (added 1/5/99; identified as a Documentation errata 2/1/99):
When stack extension is enabled, the read result from stack may be improper if two
previous executed instructions cause sequential read and write operations with SSH.
Two cases are possible:
Case 1:
For the first executed instruction: move from SSH or bit manipulation on SSH (i.e.
jclr, brclr, jset, brset, btst, bsset, jsset, bsclr, jsclr).
For the second executed instruction: move to SSH or bit manipulation on SSH (i.e.
jsr, bsr, jscc, bscc).
For the third executed instruction: an SSL or SSH read from the stack result may be
improper - move from SSH or SSL or bit manipulation on SSH or SSL (i.e., bset,
bclr, bchg, jclr, brclr, jset, brset, btst, bsset, jsset, bsclr, jsclr).
Workaround:
Add two NOP instructions before the third executed instruction.
Case 2:
For the first executed instruction: bit manipulation on SSH (i.e. bset, bclr, bchg).
For the second executed instruction: an SSL or SSH read from the stack result may
be improper - move from SSH or SSL or bit manipulation on SSH or SSL (i.e., bset,
bclr, bchg, jclr, brclr, jset, brset, btst, bsset, jsset, bsclr, jsclr).
Workaround:
Add two NOP instructions before the second executed instruction.
Pertains to:
DSP56300 Family Manual, Appendix B, add a new section called
“Stack Extension Enable Restrictions.” Cover all cases. Also, in Section 6.3.11.15,
add a cross reference to this new section.
1K34A
ED38
Description (added 7/14/99):
If Port A is used for external accesses, the BAT bits in the AAR3-0 registers must be
initialized to the SRAM access type (i.e. BAT = 01) or to the DRAM access type
(i.e. BAT = 10). To ensure proper operation of Port A, this initialization must occur
even for an AAR register that is not used during any Port A access. Note that at
reset, the BAT bits are initialized to 00.
Pertains to:
DSP56300 Family Manual, Port A Chapter (Chapter 9 in Revision 2),
description of the BAT[1 –0] bits in the AAR3 - AAR0 registers. Also pertains to
the core chapter in device-specific user’s manuals that include a description of the
AAR3 - AAR0 registers with bit definitions (usually Chapter 4).
1K34A


Similar Part No. - DSP56311

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56311 FREESCALE-DSP56311 Datasheet
1Mb / 96P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56311 NXP-DSP56311 Datasheet
2Mb / 96P
   24-Bit Digital Signal Processor
Rev. 8
DSP56311UM NXP-DSP56311UM Datasheet
2Mb / 96P
   24-Bit Digital Signal Processor
Rev. 8
logo
Freescale Semiconductor...
DSP56311VF150 FREESCALE-DSP56311VF150 Datasheet
1Mb / 96P
   24-Bit Digital Signal Processor
DSP56311VF150 FREESCALE-DSP56311VF150 Datasheet
1Mb / 96P
   24-Bit Digital Signal Processor
More results

Similar Description - DSP56311

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSE9S08QG8 FREESCALE-MSE9S08QG8 Datasheet
49Kb / 8P
   Mask Set Errata for Mask 3M77B
logo
Motorola, Inc
MSE08AZ60_1J35D MOTOROLA-MSE08AZ60_1J35D Datasheet
60Kb / 4P
   Mask Set Errata
logo
Freescale Semiconductor...
MSE908JB8 FREESCALE-MSE908JB8 Datasheet
38Kb / 4P
   Mask Set Errata
MSC8101 FREESCALE-MSC8101 Datasheet
378Kb / 28P
   Silicon Errata for the MSC8101 Processor, Mask 0K40A
logo
Texas Instruments
MSP53C391 TI-MSP53C391 Datasheet
24Kb / 2P
[Old version datasheet]   ERRATA
logo
M/A-COM Technology Solu...
500102D MA-COM-500102D_15 Datasheet
22Kb / 2P
   Errata
28320-ERR-001-A MA-COM-28320-ERR-001-A_15 Datasheet
29Kb / 1P
   Errata
logo
Cypress Semiconductor
CY7C1312V18 CYPRESS-CY7C1312V18 Datasheet
47Kb / 5P
   Errata Document for CY7C1312V18 & CY7C1314V18
logo
Microchip Technology
DSPIC33FJXXXGPXXX MICROCHIP-DSPIC33FJXXXGPXXX Datasheet
164Kb / 6P
    Silicon Errata
2006
logo
Texas Instruments
TMS320F28335_1104 TI-TMS320F28335_1104 Datasheet
188Kb / 18P
[Old version datasheet]   Silicon Errata
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com