Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1G00 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHC1G00
Description  Single 2-Input NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G00 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHC1G00 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G00 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G00 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G00 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G00 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G00 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
May, 2014 − Rev. 21
1
Publication Order Number:
MC74VHC1G00/D
MC74VHC1G00
Single 2-Input NAND Gate
The MC74VHC1G00 is an advanced high speed CMOS 2−input
NAND gate fabricated with silicon gate CMOS technology.
The internal circuit is composed of multiple stages, including a
buffer output which provides high noise immunity and stable output.
The MC74VHC1G00 input structure provides protection when
voltages up to 7.0 V are applied, regardless of the supply voltage. This
allows the MC74VHC1G00 to be used to interface 5.0 V circuits to
3.0 V circuits.
Features
High Speed: tPD = 3.0 ns (Typ) at VCC = 5.0 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: FETs = 56
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
Figure 1. Pinout (Top View)
VCC
IN B
IN A
OUT Y
GND
Figure 2. Logic Symbol
OUT Y
&
1
2
34
5
IN B
IN A
PIN ASSIGNMENT
1
2
3
GND
IN B
IN A
4
5VCC
OUT Y
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
H
H
H
L
Y
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
http://onsemi.com
1
5
V1 M
G
G
1
5
V1M
G
G
V1
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.
TSOP−5 / SOT−23 / SC−59
DT SUFFIX
CASE 483
SC−88A / SOT−353 / SC−70
DF SUFFIX
CASE 419A


Similar Part No. - MC74VHC1G00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G00 ONSEMI-MC74VHC1G00 Datasheet
182Kb / 8P
   2-Input NAND Gate
December, 1999 ??Rev. 2
logo
E-Tech Electronics LTD
MC74VHC1G00 ETL-MC74VHC1G00 Datasheet
554Kb / 4P
   2-Input NAND Gate
logo
ON Semiconductor
MC74VHC1G00 ONSEMI-MC74VHC1G00 Datasheet
205Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 22
MC74VHC1G00 ONSEMI-MC74VHC1G00 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
MC74VHC1G00DBVT1G ONSEMI-MC74VHC1G00DBVT1G Datasheet
205Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 22
More results

Similar Description - MC74VHC1G00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com