Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SG34AMUTCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL17SG34AMUTCG
Description  Single Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG34AMUTCG Datasheet(HTML) 4 Page - ON Semiconductor

  NL17SG34AMUTCG Datasheet HTML 1Page - ON Semiconductor NL17SG34AMUTCG Datasheet HTML 2Page - ON Semiconductor NL17SG34AMUTCG Datasheet HTML 3Page - ON Semiconductor NL17SG34AMUTCG Datasheet HTML 4Page - ON Semiconductor NL17SG34AMUTCG Datasheet HTML 5Page - ON Semiconductor NL17SG34AMUTCG Datasheet HTML 6Page - ON Semiconductor NL17SG34AMUTCG Datasheet HTML 7Page - ON Semiconductor NL17SG34AMUTCG Datasheet HTML 8Page - ON Semiconductor NL17SG34AMUTCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NL17SG34
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns
Symbol
Parameter
Test Condition
VCC (V)
TA = 255 C
TA =
−555C to +1255C
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Propagation Delay,
A to Y
CL = 10 pF,
RL = 1 MW
0.9
12.6
15.3
19.0
ns
1.1 to 1.3
8.7
13.4
15.2
1.4 to 1.6
4.9
8.5
10.0
1.65 to 1.95
3.8
6.2
6.7
2.3 to 2.7
2.6
3.9
4.4
3.0 to 3.6
2.1
3.1
3.7
CL = 15 pF,
RL = 1 MW
0.9
13.0
16.6
20.8
ns
1.1 to 1.3
8.0
12.5
15.7
1.4 to 1.6
5.4
9.3
11.2
1.65 to 1.95
4.2
6.9
7.1
2.3 to 2.7
2.8
4.4
5.0
3.0 to 3.6
2.3
3.4
3.9
CL = 30 pF,
RL = 1 MW
0.9
14.5
17.6
22.4
ns
1.1 to 1.3
9.5
13.5
18.8
1.4 to 1.6
7.4
11.1
15.9
1.65 to 1.95
5.6
9.2
9.6
2.3 to 2.7
3.7
5.7
6.1
3.0 to 3.6
2.9
4.4
4.8
CIN
Input Capacitance
0 to 3.6
3
pF
CPD
Power Dissipation
Capacitance (Note 5)
f = 10 MHz
0.9 to 3.6
4
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NL17SG34AMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG34 ONSEMI-NL17SG34 Datasheet
107Kb / 6P
   Single Buffer
August, 2012 ??Rev. 1
NL17SG34P5T5G ONSEMI-NL17SG34P5T5G Datasheet
107Kb / 6P
   Single Buffer
August, 2012 ??Rev. 1
More results

Similar Description - NL17SG34AMUTCG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G70 STMICROELECTRONICS-74V1G70 Datasheet
48Kb / 7P
   SINGLE BUFFER
October 1999
logo
Nexperia B.V. All right...
74LVC1G34-Q100 NEXPERIA-74LVC1G34-Q100 Datasheet
780Kb / 13P
   Single buffer
logo
ON Semiconductor
NL17SV16 ONSEMI-NL17SV16_V01 Datasheet
337Kb / 14P
   Single Buffer
February, 2021 - Rev. 7
logo
STMicroelectronics
74V1G70 STMICROELECTRONICS-74V1G70_04 Datasheet
108Kb / 9P
   SINGLE BUFFER
logo
ON Semiconductor
NL17SG34 ONSEMI-NL17SG34 Datasheet
107Kb / 6P
   Single Buffer
August, 2012 ??Rev. 1
logo
STMicroelectronics
74V1T70 STMICROELECTRONICS-74V1T70 Datasheet
47Kb / 7P
   SINGLE BUFFER
logo
NXP Semiconductors
74LVC1G34 NXP-74LVC1G34 Datasheet
82Kb / 15P
   Single buffer
Rev. 02-21 May 2007
logo
Nexperia B.V. All right...
74LVC1G16 NEXPERIA-74LVC1G16 Datasheet
753Kb / 14P
   Single buffer
74LVC1G16-Q100 NEXPERIA-74LVC1G16-Q100 Datasheet
198Kb / 11P
   Single buffer
Rev. 2 - 17 January 2022
logo
ON Semiconductor
NL17SH34 ONSEMI-NL17SH34 Datasheet
96Kb / 5P
   Single Buffer
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com