Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ00 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL27WZ00
Description  Dual 2-Input NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ00 Datasheet(HTML) 3 Page - ON Semiconductor

  NL27WZ00 Datasheet HTML 1Page - ON Semiconductor NL27WZ00 Datasheet HTML 2Page - ON Semiconductor NL27WZ00 Datasheet HTML 3Page - ON Semiconductor NL27WZ00 Datasheet HTML 4Page - ON Semiconductor NL27WZ00 Datasheet HTML 5Page - ON Semiconductor NL27WZ00 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NL27WZ00
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Parameter
Condition
Symbol
VCC
(V)
TA = 255C
−555C 3 TA 3 1255C
Units
Min
Typ
Max
Min
Max
High−Level Input
Voltage
VIH
1.65
2.3 to 5.5
0.75 VCC
0.7 VCC
0.75 VCC
0.7 VCC
V
Low−Level Input
Voltage
VIL
1.65
2.3 to 5.5
0.25 VCC
0.3 VCC
0.25
0.3 VCC
V
High−Level Output
Voltage
VIN = VIL or VIH
IOH = −100 mA
IOH = −4 mA
IOH = −8 mA
IOH = −12 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
VOH
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
VCC
1.5
2.1
2.4
2.7
2.5
4.0
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
V
Low−Level Output
Voltage
VIN = VIH or VOH
IOL = 100 mA
IOL = 4 mA
IOL = 8 mA
IOL = 12 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
VOL
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
0.0
0.08
0.20
0.22
0.28
0.38
0.42
0.1
0.24
0.3
0.4
0.4
0.55
0.55
0.1
0.24
0.3
0.4
0.4
0.55
0.55
V
Input Leakage
Current
VIN = 5.5 V or GND
IIN
0 to 5.5
±0.1
±1.0
mA
Quiescent Supply
Current
VIN = 5.5 V or GND
ICC
5.5
1.0
10
mA
Power Off Leakage
Current
VIN = 5.5 V or
VOUT = 5.5 V
IOFF
0
1.0
10
mA
AC ELECTRICAL CHARACTERISTICS tR = tF = 3.0 ns
Parameter
Condition
Symbol
VCC
(V)
TA = 255C
−555C 3 TA 3 1255C
Units
Min
Typ
Max
Min
Max
Propagation Delay
(Figure 3 and 4)
RL = 1 MW, CL = 15 pF
tPLH
tPHL
1.8 ± 0.15
2.0
5.7
10.5
2.0
11.0
ns
2.5 ± 0.2
1.2
3.2
5.3
1.2
5.7
RL = 1 MW, CL = 15 pF
RL = 500 W, CL = 50 pF
3.3 ± 0.3
0.8
1.2
2.4
3.0
3.7
4.6
0.8
1.2
4.0
4.9
RL = 1 MW, CL = 15 pF
RL = 500 W, CL = 50 pF
5.0 ± 0.5
0.5
0.8
1.9
2.4
2.9
3.6
0.5
0.8
3.2
3.9
CAPACITIVE CHARACTERISTICS
Parameter
Condition
Symbol
Typical
Units
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
CIN
2.5
pF
Power Dissipation Capacitance
(Note 7)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
CPD
9
11
pF
7. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NL27WZ00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
88Kb / 6P
   Dual 2?묲nput NAND Gate
May, 2006 ??Rev. 6
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
185Kb / 11P
   Dual 2-Input NAND Gate
January, 2019 ??Rev. 13
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
NL27WZ00MQ1TCG ONSEMI-NL27WZ00MQ1TCG Datasheet
185Kb / 11P
   Dual 2-Input NAND Gate
January, 2019 ??Rev. 13
More results

Similar Description - NL27WZ00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
logo
Nexperia B.V. All right...
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
   Dual 2-Input NAND Gate
logo
NXP Semiconductors
74LVC2G00DC-G NXP-74LVC2G00DC-G Datasheet
279Kb / 20P
   Dual 2-input NAND gate
Rev. 12-8 April 2013
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
   Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_V01 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com