Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX1G74 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLX1G74
Description  Single D Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX1G74 Datasheet(HTML) 5 Page - ON Semiconductor

  NLX1G74 Datasheet HTML 1Page - ON Semiconductor NLX1G74 Datasheet HTML 2Page - ON Semiconductor NLX1G74 Datasheet HTML 3Page - ON Semiconductor NLX1G74 Datasheet HTML 4Page - ON Semiconductor NLX1G74 Datasheet HTML 5Page - ON Semiconductor NLX1G74 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NLX1G74
http://onsemi.com
5
trec
WAVEFORM 3 − RECOVERY TIME
tR = tF = 3.0 ns from 10% to 90%; f = 1 MHz; tw = 500 ns
Output Reg: VOL ≤ 0.8 V, VOH ≥ 2.0 V
Vcc
0 V
Vcc
0 V
50%
50%
Figure 1. AC Waveforms
WAVEFORM 2 − PROPAGATION DELAYS
tR = tF = 3.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
PR, CLR
CP
Vcc
0 V
PR
CLR
50%
Q
Vcc
0 V
VOH
50%
Q
VOL
50%
50%
50%
tPLH
tPHL
tPHL
tPLH
WAVEFORM 1 − PROPAGATION DELAYS, SETUP AND HOLD TIMES
tR = tF = 3.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
Vcc
0 V
D
CP
50%
Q,
Q
Vcc
0 V
VOH
VOL
tPLH, tPHL
th
ts
50%
50%
fmax
tw
tw
tw
50%
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
Figure 2. Test Circuit


Similar Part No. - NLX1G74

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX1G74 ONSEMI-NLX1G74 Datasheet
148Kb / 6P
   Single D Flip-Flop
April, 2009 ??Rev. 0
NLX1G74MUTCG ONSEMI-NLX1G74MUTCG Datasheet
148Kb / 6P
   Single D Flip-Flop
April, 2009 ??Rev. 0
More results

Similar Description - NLX1G74

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ74 ONSEMI-NL17SZ74 Datasheet
108Kb / 12P
   Single D Flip Flop
May, 2002 ??Rev. 2
NL17SZ74 ONSEMI-NL17SZ74_15 Datasheet
85Kb / 6P
   Single D Flip Flop
June, 2015 ??Rev. 11
NLV17SZ74USG ONSEMI-NLV17SZ74USG Datasheet
127Kb / 6P
   Single D Flip Flop
May, 2013 ??Rev. 10
NLX1G74 ONSEMI-NLX1G74 Datasheet
148Kb / 6P
   Single D Flip-Flop
April, 2009 ??Rev. 0
NL17SZ74 ONSEMI-NL17SZ74_06 Datasheet
89Kb / 6P
   Single D Flip Flop
April, 2006 ??Rev. 4
logo
Micrel Semiconductor
SY55852U MICREL-SY55852U Datasheet
54Kb / 7P
   D FLIP-FLOP
SY55852U MICREL-SY55852U_07 Datasheet
56Kb / 7P
   D FLIP-FLOP
SY100S331 MICREL-SY100S331 Datasheet
110Kb / 7P
   TRIPLE D FLIP-FLOP
logo
Motorola, Inc
SN54LS175 MOTOROLA-SN54LS175 Datasheet
171Kb / 5P
   QUAD D FLIP-FLOP
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com