Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9517A Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCA9517A
Description  Level-Translating I2C-Bus Repeater
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9517A Datasheet(HTML) 2 Page - ON Semiconductor

  PCA9517A Datasheet HTML 1Page - ON Semiconductor PCA9517A Datasheet HTML 2Page - ON Semiconductor PCA9517A Datasheet HTML 3Page - ON Semiconductor PCA9517A Datasheet HTML 4Page - ON Semiconductor PCA9517A Datasheet HTML 5Page - ON Semiconductor PCA9517A Datasheet HTML 6Page - ON Semiconductor PCA9517A Datasheet HTML 7Page - ON Semiconductor PCA9517A Datasheet HTML 8Page - ON Semiconductor PCA9517A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PCA9517A
http://onsemi.com
2
General Description
The PCA9517A is an I2C−bus repeater that provides level
shifting between low voltage (down to 0.9 V) and higher
voltage (2.7 V to 5.5 V) for I2C−bus or SMBus applications.
While retaining all the operating modes and features of the
I2C−bus system during the level shifts, it also permits
extension of the I2C−bus by providing bidirectional
buffering for both the data (SDA) and the clock (SCL) lines,
thus enabling two buses of 400 pF. Using the PCA9517A
enables the system designer to isolate two halves of a bus for
both voltage and capacitance. The SDA and SCL pins are
overvoltage tolerant and are high−impedance when the
PCA9517A is unpowered.
The 2.7 V to 5.5 V bus B side drivers behave much like the
drivers on the PCA9515A device, while the adjustable
voltage bus A side drivers drive more current and eliminate
the static offset voltage. This results in a LOW on the B side
translating into a nearly 0 V LOW on the A side which
accommodates smaller voltage swings of lower voltage
logic.
The static offset design of the B side PCA9517A I/O
drivers prevents them from being connected to another
device that has a rise time accelerator including the
PCA9510, PCA9511, PCA9512, PCA9513, PCA9514,
PCA9515A,
PCA9516A,
PCA9517A
(port
B),
or
PCA9518. The A side of two or more PCA9517As can be
connected together, however, to allow a star topology with
the A side on the common bus, and the A side can be
connected directly to any other buffer with static or dynamic
offset voltage. Multiple PCA9517As can be connected in
series, A side to B side, with no build−up in offset voltage
with only time−of−flight delays to consider.
The PCA9517A drivers are not enabled unless the bus is
idle, VCC(A) is above 0.8 V and VCC(B) is above 2.5 V. The
EN pin can also be used to turn the drivers on and off under
system control. Caution should be observed to only change
the state of the enable pin when the bus is idle.
The output pull−down on the B side internal buffer LOW
is set for approximately 0.5 V, while the input threshold of
the internal buffer is set about 70 mV lower (0.43 V). When
the B side I/O is driven LOW internally, the LOW is not
recognized as a LOW by the input. This prevents a lock−up
condition from occurring. The output pull−down on the A
side drives a hard LOW and the input level is set at
0.3 VCC(A) to accommodate the need for a lower LOW level
in systems where the low voltage side supply voltage is as
low as 0.9 V.
BLOCK DIAGRAM
Figure 1. Block Diagram of PCA9517A


Similar Part No. - PCA9517A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9517A NXP-PCA9517A Datasheet
118Kb / 19P
   Level translating I2C-bus repeater
Rev. 02-5 May 2008
PCA9517A NXP-PCA9517A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A Datasheet
202Kb / 14P
   Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9517A PHILIPS-PCA9517A Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517AD NXP-PCA9517AD Datasheet
118Kb / 19P
   Level translating I2C-bus repeater
Rev. 02-5 May 2008
More results

Similar Description - PCA9517A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A Datasheet
202Kb / 14P
   Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517A NXP-PCA9517A Datasheet
118Kb / 19P
   Level translating I2C-bus repeater
Rev. 02-5 May 2008
PCA9517 PHILIPS-PCA9517 Datasheet
107Kb / 13P
   Level translating I2C-bus repeater
2004 Oct 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com