Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSEC29-02AS Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSEC29-02AS
Description  HiPerFRED Epitaxial Diode with common cathode and soft recovery
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEC29-02AS Datasheet(HTML) 2 Page - IXYS Corporation

  DSEC29-02AS Datasheet HTML 1Page - IXYS Corporation DSEC29-02AS Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2004 IXYS All rights reserved
2 - 2
DSEC 29-02A
DSEC 29-02AS
IXYS reserves the right to change limits, test conditions and dimensions.
200
600
1000
0
400
800
30
40
50
60
70
80
0.00001
0.0001
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
0
40
80
120
160
0.6
0.8
1.0
1.2
1.4
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800
1000
0
10
20
30
40
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
V
FR
di
F/dt
V
200
600
1000
0
400
800
0
5
10
15
20
25
30
100
1000
0
100
200
300
400
500
600
700
0.0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
µs
A
V
nC
A/
µs
A/
µs
t
rr
ns
A/
µs
DSEC 29-02A
Z
thJC
T
VJ = 150°C
T
VJ = 100°C
T
VJ =
25°C
V
FR
t
fr
I
RM
Q
r
I
F = 30 A
I
F
= 15 A
I
F
= 7.5 A
I
F
= 30 A
I
F
= 15 A
I
F
= 7.5 A
T
VJ
= 100°C
I
F = 15 A
t
fr
µs
I
F = 30 A
I
F
= 15 A
I
F
= 7.5 A
T
VJ = 100°C
V
R = 100 V
T
VJ
= 100°C
V
R = 100 V
T
VJ = 100°C
V
R = 100 V
Fig. 3 Typ. peak reverse current I
RM
Fig. 2 Typ. reverse recovery charge Q
r
Fig. 1 Forward current I
F versus VF
Fig. 4 Typ. dynamic parameters Q
r, IRM
Fig. 5 Typ. recovery time t
rr
versus -di
F/dt
Fig. 6 Typ. peak forward voltage
V
FR
and t
fr
Fig. 7 Transient thermal resistance junction to case
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.851
0.0052
2
0.328
0.0003
4
0.421
0.0409


Similar Part No. - DSEC29-02AS

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
DSEC29-02AC THINKISEMI-DSEC29-02AC Datasheet
280Kb / 2P
   30.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Similar Description - DSEC29-02AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEC60-02A IXYS-DSEC60-02A Datasheet
47Kb / 2P
   HiPerFRED Epitaxial Diode with common cathode and soft recovery
DSEK30-02A IXYS-DSEK30-02A Datasheet
19Kb / 1P
   HiPerFRED Epitaxial Diode with common cathode and soft recovery
DSEC30-02A IXYS-DSEC30-02A Datasheet
33Kb / 2P
   HiPerFRED Epitaxial Diode with common cathode and soft recovery
DSEC30-03A IXYS-DSEC30-03A Datasheet
37Kb / 2P
   HiPerFRED Epitaxial Diode with common cathode and soft recovery
DSEC16-02A IXYS-DSEC16-02A Datasheet
21Kb / 1P
   HiPerFRED Epitaxial Diode with common cathode and soft recovery
DSEC60-03AQ IXYS-DSEC60-03AQ Datasheet
88Kb / 3P
   HiPerFRED Epitaxial Diode with common cathode and soft recovery
DSEC60-12A IXYS-DSEC60-12A Datasheet
40Kb / 2P
   HiPerFRED Epitaxial Diode with common cathode and soft recovery
DSEC30-06A IXYS-DSEC30-06A Datasheet
39Kb / 2P
   HiPerFRED Epitaxial Diode with common cathode and soft recovery
DSEC30-04A IXYS-DSEC30-04A Datasheet
28Kb / 1P
   HiPerFRED Epitaxial Diode with common cathode and soft recovery
DSEP2X61-06A IXYS-DSEP2X61-06A Datasheet
39Kb / 2P
   HiPerFRED Epitaxial Diode with soft recovery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com