Electronic Components Datasheet Search |
|
AP131-48Y Datasheet(PDF) 3 Page - Anachip Corp |
|
AP131-48Y Datasheet(HTML) 3 Page - Anachip Corp |
3 / 7 page AP131 300mA Low Dropout Linear Regulator with Shutdown Anachip Corp. www.anachip.com.tw Rev. 1.2 Oct 28, 2004 3/7 Electrical Characteristics TA=25ºC, CIN=1µF, COUT=10µF, unless otherwise specified. Symbol Parameter Conditions Min. Typ. Max. Unit VDROP Dropout voltage (Note 1) IL=300mA - 400 500 mV ILIMIT Current Limit (Note 2) VIN=5V, VOUT=0V 350 450 - mA ∆VLINE Line regulation IL=1mA, VIN=5~7V - 0.1 0.3 %/V ∆VLOAD Load regulation (Note 3) IL=1~300mA, VIN=5V - 30 35 mV Output voltage accuracy IL=1mA, VIN=5V -2 - +2 % ∆VOUT Output voltage temperature coefficient (Note 4) - 50 150 PPM/ºC PSRR Ripple Rejection F=100Hz, CIN=1µF, CO=10uF, IL=100mA - 60 - dB ISB Standby current IL=0mA, VIN=5V, EN=0V - - 5 µA IQ Quiescent current IL=0mA, VIN=5V, EN=5V - 50 100 µA IEN Enable pin current - - < 0.1 µA VENON Output ON 1.5 - VIN V VENOFF Enable pin voltage Output OFF 0 - 0.8 V TDELAY Enable delay time CBP=0.1µF, COUT=1µF, IOUT=30mA - 8 - µS Note 1. Dropout voltage is defined as the input to output differential voltage. Dropout is measured at constant junction temperature by using pulsed ON time, and the criterion is VOUT inside target value ±2%. This test is skipped at the condition of VIN<3V. Note 2. Current limit is measured at constant junction temperature by using pulsed testing with a low ON time. Note 3. Regulation is measured at constant junction temperature by using pulsed testing with a low ON time. Note 4. Guaranteed by design. Typical Application Circuit IN OUT GND AP131 BP EN EN VIN C IN C BP C OUT VOUT ON OFF 1uF 0.1uF 10uF |
Similar Part No. - AP131-48Y |
|
Similar Description - AP131-48Y |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |