Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDCA-10-25 Datasheet(PDF) 1 Page - Mini-Circuits

Part # BDCA-10-25
Description  Bi-Directional Coupler
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BDCA-10-25 Datasheet(HTML) 1 Page - Mini-Circuits

  BDCA-10-25 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Performance Data
Outline Drawing
Bi-Directional Electrical Specifications
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Features
• cellular, PCS, PCN, UMTS
• ISM
• GPS
• four-port coupler
• wideband, 800-2500 MHz
• excellent VSWR, 1.15:1 typ., all ports
• good flatness, ±0.6 dB typ.
• excellent power handling capability, 50W (800-1000 MHz)
• hermetically sealed
• minimal variation with temperature
• low profile, 0.07" height
Applications
CASE STYLE: SM1L
PRICE: $5.95 ea. QTY (10-49)
Frequency
(MHz)
Insertion Loss
(dB)
In-Out
Coupling
(dB)
Return Loss
(dB)
In
CPL
Out
In-CPL
Out-Term
Directivity
(dB)
Out-CPL
In-Term
Term
800.00
0.51
11.74
11.94
33.32
37.31
31.70
31.27
36.30
28.13
900.00
0.55
11.01
11.20
35.71
39.79
30.99
29.85
37.54
25.34
1000.00
0.64
10.39
10.56
38.83
37.62
29.41
28.87
38.07
27.99
1100.00
0.72
9.85
10.07
39.71
34.05
27.94
27.76
38.46
32.68
1300.00
0.86
9.06
9.49
34.58
29.81
25.76
26.33
37.29
34.65
1500.00
0.93
8.63
8.86
30.88
25.68
24.58
25.59
36.88
31.32
1700.00
1.02
8.39
8.67
29.45
23.91
24.82
25.69
38.65
34.99
2000.00
1.04
8.47
8.73
30.20
22.76
27.40
26.41
36.15
37.39
2200.00
1.02
8.82
9.02
29.36
22.31
26.92
25.20
27.33
27.99
2500.00
0.98
9.86
9.92
21.31
20.10
20.89
20.70
21.30
21.10
AB
C
D
E
F
G
H
J
.250
.300
.070
.320
.050
.015
.050
.075
.030
6.35
7.62
1.78
8.12
1.27
.38
1.27
1.91
.76
K
L
M
N
P
Q
R
wt.
.095
.330
.100
.020
.015
.070
.014
grams
2.41
8.38
2.54
.51
.38
1.78
.36
.3
BDCA-10-25
INSERTION LOSS
0.40
0.60
0.80
1.00
1.20
750
1000
1250
1500
1750
2000
2250
2500
FREQUENCY (MHz)
at RF level of -10 dBm
BDCA-10-25
COUPLING & DIRECTIVITY
6
10
14
18
22
26
30
34
38
42
750
1000
1250
1500
1750
2000
2250
2500
FREQUENCY (MHz)
COUPLING
DIRECTIVITY
at RF level of -10 dBm
INPUT
1
OUTPUT
6
COUPLED (forward)
10
COUPLED (reverse)
5
GROUND
2,3,4,7,8,9
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Demo Board MCL P/N: TB-115
Suggested PCB Layout (PL-004)
BDCA-10-25
RETURN LOSS
0
10
20
30
40
50
750
1000
1250
1500
1750
2000
2250
2500
FREQUENCY (MHz)
IN
OUT
CPL
TERM
at RF level of -10 dBm
f
L-fU
FREQ.
RANGE
(MHz)
COUPLING
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
Nom.
Max.
Flatness
MAINLINE LOSS*
(dB)
POWER
INPUT**
(W)
Typ.
Typ. Min.
MODEL
NO.
Typ. Max.
BDCA-10-25
800-2500
10.1±2.0
±2.0
1.0
1.5
25
11
1.05
24
800-1000
11.0±0.8
±1.2
0.6
1.0
32
20
1.05
50
1700-2000
8.5±0.5
±0.6
1.1
1.5
23
16
1.05
34
1000-2500
9.4±1.2
±1.5
1.0
1.5
22
11
1.05
24
* Includes theoretical coupled power loss of 0.46 dB at 10 dB coupling.
** Derate linearly to 1/3 at 100°C
Max.
CPL
FORWARD
CPL
REVERSE
IN
OUT
Bi-Directional Coupler
Schematic
BDCA-10-25
High Power, 50
800 to 2500 MHz
Bi-Directional Coupler
Surface Mount
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
REV. C
M88753
ED-8914/2
BDCA-10-25
LC/TD/CP
030905


Similar Part No. - BDCA-10-25

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BDCA-15-25 MINI-BDCA-15-25 Datasheet
117Kb / 1P
   Bi-Directional Coupler
logo
List of Unclassifed Man...
BDCA-16-30 ETC-BDCA-16-30 Datasheet
108Kb / 1P
   Bi-Directional Coupler
More results

Similar Description - BDCA-10-25

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BDCA-15-25 MINI-BDCA-15-25 Datasheet
117Kb / 1P
   Bi-Directional Coupler
logo
SYNERGY MICROWAVE CORPO...
SCS100800-10 SYNERGY-SCS100800-10 Datasheet
496Kb / 4P
   BI-DIRECTIONAL COUPLER
SDCHP-140 SYNERGY-SDCHP-140 Datasheet
344Kb / 3P
   BI-DIRECTIONAL COUPLER
logo
Mini-Circuits
CPL-20-14 MINI-CPL-20-14 Datasheet
305Kb / 1P
   Bi-Directional Coupler
SCBD-25-122HP MINI-SCBD-25-122HP Datasheet
392Kb / 3P
   Bi-Directional Coupler
ZABDC20-232H MINI-ZABDC20-232H Datasheet
216Kb / 3P
   Bi-Directional Coupler
ZBDC40-1450W MINI-ZBDC40-1450W Datasheet
340Kb / 1P
   Bi-Directional Coupler
BDCN-14-22 MINI-BDCN-14-22 Datasheet
295Kb / 1P
   Bi-Directional Coupler
ZABDC20-252H MINI-ZABDC20-252H Datasheet
212Kb / 1P
   Bi-Directional Coupler
BDCH-20-63 MINI-BDCH-20-63 Datasheet
395Kb / 3P
   Bi-Directional Coupler
SYBD-26-13HP MINI-SYBD-26-13HP Datasheet
288Kb / 1P
   Bi-Directional Coupler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com