Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2018280-6 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 2018280-6
Description  Stacked Small Form-Factor Pluggable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2018280-6 Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button 2018280-6 Datasheet HTML 2Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 3Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 4Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 5Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 6Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 7Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 8Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 9Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
114-13219
Rev C
6 of 10
3.7. Transceiver Modules
CAUTION
The mating transceiver module packing size cannot exceed the width of each cage port opening. This includes the part of the
transceiver that is extending outside the cage. Since the port-to-port spacing has a 14.25 mm centerline, the widest
transceiver width extending outside of the cage should be less than 14 mm. This will prevent any possible interference when
transceivers are inserted in adjacent ports.
3.8. Bezel
CAUTION
It is strongly recommended that this bezel configuration NOT be used in PCI applications. The following requirements were
intended to be used in the communications industry only.
A. Thickness
The bezel thickness range shall be 0.8 through 2.6 mm.
B. Cutout
The bezel must provide a cutout that allows proper mounting of the connector and cage assembly. The
cage assembly panel grounding feature must be compressed by the bezel in order to provide an electrical
ground between the connector and cage assembly and bezel for EMI suppression. Care must be used to
avoid interference between adjacent connector and cage assemblies and other components. The
minimum allowable distance between connector and cage assemblies must be considered to ensure
proper assembly. Dimensions for bezel cutout and minimum allowable distance between cutouts are
shown in Figure 4.
CONNECTOR AND CAGE ASSY
DIMENSION (±0.1)
TYPE
CONFIGURATION
A
B (Min)
C
D (Ref)
SPRING
FINGERS
GASKET
SPRING
FINGERS
GASKET
Standard
2X1
15.45
16.25
19.5
26
26
26
2X2
29.7
31
34.25
26
26
26
2X4
58.2
59.5
62.75
26
26
26
2X5
72.45
73.75
77
26
26
26
2X6
86.7
88
91.25
26
26
26
2X8
115.2
116.5
119.75
26
26
26
Figure 4
NOTE: Not to Scale
Recommended Bezel Cutout (Minimum Pitch) and
PC Board and Bezel Position
Bezel Thickness: 0.8-2.6 mm
Section Y-Y
0.30 Maximum
Radius (4 places)
A
Y
Y
C
D (Ref)
B
(Min)
PC Board
Cutout Centerline to Cutout Centerline
Cutout in Bezel
3.50 ±0.30 (Distance
Between Back of Bezel
and Front of PC Board)
PC Board
0 ±0.1 (Bottom of
Cutout in Bezel to
Top of PC Board)


Similar Part No. - 2018280-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2018280--1 TEC-2018280--1 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
2018280--2 TEC-2018280--2 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
2018280--3 TEC-2018280--3 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
2018280--4 TEC-2018280--4 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
2018280--5 TEC-2018280--5 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
More results

Similar Description - 2018280-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
logo
Molex Electronics Ltd.
1715650003 MOLEX1-1715650003 Datasheet
44Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated
logo
TE Connectivity Ltd
408-10261 TEC-408-10261 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
Tyco Electronics
1888617-1 MACOM-1888617-1 Datasheet
430Kb / 5P
   Quad Small Form- factor Pluggable (QSFP) Products
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-15 JDSU-PL-KP2-00-000-15 Datasheet
615Kb / 9P
   Small Form Factor Pluggable Press-Fit Cage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com