Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2018280-6 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 2018280-6
Description  Stacked Small Form-Factor Pluggable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2018280-6 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  2018280-6 Datasheet HTML 1Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 2Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 3Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 4Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 5Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 6Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 7Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 8Page - TE Connectivity Ltd 2018280-6 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
114-13219
Rev C
3 of 10
3. REQUIREMENTS
3.1. Safety
Do not stack component packages so high that the shipping containers buckle or deform.
3.2. Limitations
The connectors are designed to operate in a temperature range of -55° to 105°C [-67° to 221°F].
The bezel requirements given in this document are specifically configured for products used in the
communications industry. It is strongly recommended that this bezel configuration NOT be used for peripheral
component interconnect (PCI) applications.
3.3. Material
The connector housing and chicklets (parts that hold the compliant pin contacts) are made of molded
thermoplastic, UL 94-V-0. All compliant pin contacts in the connector are made of copper alloy underplated with
nickel; plated with tin at the leads and plated with gold or gold equivalent at the interface area. The cage
assembly is made of copper alloy. The EMI/Dust Plug is made of die cast zinc.
3.4. Storage
A. Ultraviolet Light
Prolonged exposure to ultraviolet light may deteriorate the chemical composition in the product material.
B. Shelf Life
The connector and cage assembly should remain in the shipping container until ready for use to prevent
deformation to compliant pin contacts and mounting posts. The connector and cage assemblies should be
used on a first in, first out basis to avoid storage contamination that could adversely affect performance.
3.5. Chemical Exposure
Do not store product near any chemical listed below as they may cause stress corrosion cracking in the
material.
Alkalies
Ammonia
Citrates
Phosphates Citrates
Sulfur Compounds
Amines
Carbonates
Nitrites
Sulfur Nitrites
Tartrates
3.6. PC Board
A. Material and Thickness
The pc board material shall be glass epoxy (FR-4 or G-10). Minimum pc board thickness shall be 1.5 mm.
NOTE
Contact Product Information at the number at the bottom of page 1 for suitability of other board materials.
B. Tolerance
Maximum allowable bow of the pc board shall be 0.08 mm over the length of the connector and cage
assembly.
C. Hole Dimensions
The holes for the connector signal contacts and cage assembly must be drilled and plated through to
dimensions specified in Figure 2.
D. Layout
The holes for the connector and cage assembly must be precisely located to ensure proper placement
and optimum performance of the connector and cage assembly. Recommended hole pattern, dimensions,
and tolerances are provided on the customer prints. Sample layouts are provided in Figure 3.


Similar Part No. - 2018280-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2018280--1 TEC-2018280--1 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
2018280--2 TEC-2018280--2 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
2018280--3 TEC-2018280--3 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
2018280--4 TEC-2018280--4 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
2018280--5 TEC-2018280--5 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
More results

Similar Description - 2018280-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
logo
Molex Electronics Ltd.
1715650003 MOLEX1-1715650003 Datasheet
44Kb / 2P
   zQuad Small Form Factor Pluggable Plus (zQSFP) Stacked Integrated
logo
TE Connectivity Ltd
408-10261 TEC-408-10261 Datasheet
115Kb / 4P
   Small Form- Factor Pluggable (SFP) Seating
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
Tyco Electronics
1888617-1 MACOM-1888617-1 Datasheet
430Kb / 5P
   Quad Small Form- factor Pluggable (QSFP) Products
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-15 JDSU-PL-KP2-00-000-15 Datasheet
615Kb / 9P
   Small Form Factor Pluggable Press-Fit Cage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com