Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS_K7N323601M Datasheet(PDF) 11 Page - Samsung semiconductor

Part # DS_K7N323601M
Description  1Mx36 & 2Mx18-Bit Pipelined NtRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

DS_K7N323601M Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button DS_K7N323601M Datasheet HTML 7Page - Samsung semiconductor DS_K7N323601M Datasheet HTML 8Page - Samsung semiconductor DS_K7N323601M Datasheet HTML 9Page - Samsung semiconductor DS_K7N323601M Datasheet HTML 10Page - Samsung semiconductor DS_K7N323601M Datasheet HTML 11Page - Samsung semiconductor DS_K7N323601M Datasheet HTML 12Page - Samsung semiconductor DS_K7N323601M Datasheet HTML 13Page - Samsung semiconductor DS_K7N323601M Datasheet HTML 14Page - Samsung semiconductor DS_K7N323601M Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1Mx36 & 2Mx18 Pipelined NtRAMTM
- 11 -
Rev 2.0
Nov. 2003
K7N321801M
K7N323601M
ASYNCHRONOUS TRUTH TABLE
OPERATION
ZZ
OE
I/O STATUS
Sleep Mode
H
X
High-Z
Read
L
L
DQ
L
H
High-Z
Write
L
X
Din, High-Z
Deselected
L
X
High-Z
Notes
1. X means "Don
t Care".
2. Sleep Mode means power Sleep Mode of which stand-by current does
not depend on cycle time.
3. Deselected means power Sleep Mode of which stand-by current
depends on cycle time.
ABSOLUTE MAXIMUM RATINGS*
*Note : Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VDD Supply Relative to VSS
VDD
-0.3 to 4.6
V
Voltage on Any Other Pin Relative to VSS
VIN
-0.3 to VDD+0.3
V
Power Dissipation
PD
1.6
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
TOPR
0 to 70
°C
Storage Temperature Range Under Bias
TBIAS
-10 to 85
°C
OPERATING CONDITIONS at 3.3V I/O(0
°C ≤ TA ≤ 70°C)
PARAMETER
SYMBOL
MIN
Typ.
MAX
UNIT
Supply Voltage
VDD
3.135
3.3
3.465
V
VDDQ
3.135
3.3
3.465
V
Ground
VSS
0
0
0
V
CAPACITANCE*(TA=25
°C, f=1MHz)
*Notes : Sampled not 100% tested.
Parameter
Symbol
Test Condition
TYP
Max
Unit
Input Capacitance
CIN
VIN=0V
-
5
pF
Output Capacitance
COUT
VOUT=0V
-
7
pF
OPERATING CONDITIONS at 2.5V I/O(0
°C ≤ TA ≤ 70°C)
PARAMETER
SYMBOL
MIN
Typ.
MAX
UNIT
Supply Voltage
VDD
3.135
3.3
3.465
V
VDDQ
2.375
2.5
2.9
V
Ground
VSS
0
0
0
V


Similar Part No. - DS_K7N323601M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_K7N163601A SAMSUNG-DS_K7N163601A Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
DS_K7N803601B SAMSUNG-DS_K7N803601B Datasheet
378Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAM
DS_K7N803645B SAMSUNG-DS_K7N803645B Datasheet
379Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAMTM
More results

Similar Description - DS_K7N323601M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N323631C SAMSUNG-K7N323631C Datasheet
553Kb / 25P
   1Mx36 & 2Mx18 Pipelined NtRAM
K7N323645M SAMSUNG-K7N323645M Datasheet
275Kb / 24P
   1Mx36 & 2Mx18 Pipelined NtRAM
DS_K7M323625M SAMSUNG-DS_K7M323625M Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7M323635C SAMSUNG-K7M323635C Datasheet
391Kb / 19P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7P323666M SAMSUNG-K7P323666M Datasheet
447Kb / 14P
   1Mx36 & 2Mx18 SRAM
DS_K7N803601B SAMSUNG-DS_K7N803601B Datasheet
378Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAM
logo
Integrated Silicon Solu...
IS61QDPB42M18A ISSI-IS61QDPB42M18A Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
logo
Samsung semiconductor
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com