Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS32X861 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDTQS32X861
Description  HIGH-SPEED CMOS 20-BIT BUS SWITCH WITH FLOW-THRU PINOUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS32X861 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDTQS32X861 Datasheet HTML 1Page - Integrated Device Technology IDTQS32X861 Datasheet HTML 2Page - Integrated Device Technology IDTQS32X861 Datasheet HTML 3Page - Integrated Device Technology IDTQS32X861 Datasheet HTML 4Page - Integrated Device Technology IDTQS32X861 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDTQS32X861
HIGH-SPEEDCMOS20-BITBUSSWITCHWITHFLOW-THROUGHPINOUT
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Typ(2)
Max.
Unit
ICCQ
Quiescent Power Supply Current
VCC = Max., VIN = GND or Vcc, f = 0
0.2
6
μA
ΔICC
Power Supply Current per Control Input HIGH(3)
VCC = Max., VIN = 3.4V, f = 0
2.5
mA
ICCD
Dynamic Power Supply Current per MHz(4)
VCC = Max., A and B pins open
0.25
mA/MHz
BEn Control Input Toggling at 50% Duty Cycle
NOTES:
1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics.
2. Typical values are at VCC = 5.0V, 25°C ambient.
3. Per TLL driven input (VIN = 3.4V, control inputs only). A and B pins do not contribute to
ΔIcc.
4. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A and B pins generate no significant
AC or DC currents as they transition. This parameter is guaranteed but not production tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40°C to +85°C, VCC = 5.0V ± 5%;
CLOAD = 50pF, RLOAD = 500
Ω unless otherwise noted.
Symbol
Parameter
Min.(1)
Typ.
Max.
Unit
tPLH
DataPropagationDelay(2,3)
0.25
ns
tPHL
An to/from Bn
tPZH
SwitchTurn-onDelay
1.5
6.5
ns
tPZL
BEn to An/Bn
tPHZ
SwitchTurn-offDelay(2)
1.5
5.5
ns
tPLZ
BEn to An/Bn
NOTES:
1. Minimums are guaranteed but not production tested.
2. This parameter is guaranteed but not production tested.
3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone
is of the order of 0.25ns for CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the
system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on
the driven side.


Similar Part No. - IDTQS32X861

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32X861 IDT-IDTQS32X861 Datasheet
67Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH WITH FLOW-THRU PINOUT
logo
Renesas Technology Corp
IDTQS32X861 RENESAS-IDTQS32X861 Datasheet
399Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH WITH FLOW-THRU PINOUT
JUNE 2011
logo
Integrated Device Techn...
IDTQS32X861Q1 IDT-IDTQS32X861Q1 Datasheet
67Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH WITH FLOW-THRU PINOUT
IDTQS32X861Q1G IDT-IDTQS32X861Q1G Datasheet
67Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH WITH FLOW-THRU PINOUT
More results

Similar Description - IDTQS32X861

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32X861 IDT-IDTQS32X861 Datasheet
67Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH WITH FLOW-THRU PINOUT
IDTQS32X2861 IDT-IDTQS32X2861 Datasheet
50Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH WITH FLOW-THRU PINOUT
logo
Renesas Technology Corp
IDTQS32X861 RENESAS-IDTQS32X861 Datasheet
399Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH WITH FLOW-THRU PINOUT
JUNE 2011
logo
Integrated Device Techn...
QS3861PAG IDT-QS3861PAG Datasheet
218Kb / 5P
   HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
IDTQS32861 IDT-IDTQS32861 Datasheet
38Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
IDTQS3861 IDT-IDTQS3861_13 Datasheet
218Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
IDTQS32XR862 IDT-IDTQS32XR862 Datasheet
104Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT LOW RESISTANCE, ACTIVE HIGH BUS SWITCH WITH FLOW-THROUGH PINOUT
logo
Renesas Technology Corp
IDTQS3861 RENESAS-IDTQS3861 Datasheet
383Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
JANUARY 2013
logo
Integrated Device Techn...
IDTQS3R861 IDT-IDTQS3R861 Datasheet
49Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH FLOW-THROUGH PINOUT
IDTQS32X384 IDT-IDTQS32X384_11 Datasheet
220Kb / 5P
   HIGH-SPEED CMOS 20-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com