Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V04L25JG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 72V04L25JG
Description  3.3 VOLT CMOS ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V04L25JG Datasheet(HTML) 3 Page - Integrated Device Technology

  72V04L25JG Datasheet HTML 1Page - Integrated Device Technology 72V04L25JG Datasheet HTML 2Page - Integrated Device Technology 72V04L25JG Datasheet HTML 3Page - Integrated Device Technology 72V04L25JG Datasheet HTML 4Page - Integrated Device Technology 72V04L25JG Datasheet HTML 5Page - Integrated Device Technology 72V04L25JG Datasheet HTML 6Page - Integrated Device Technology 72V04L25JG Datasheet HTML 7Page - Integrated Device Technology 72V04L25JG Datasheet HTML 8Page - Integrated Device Technology 72V04L25JG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V01/72V02/72V03/72V04/72V05/72V06 3.3V ASYNCHRONOUS FIFO
512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9, 8,192 x 9 and 16,384 x 9
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 3.3V ± 0.3V, TA = 0
°C to +70°C; Industrial: VCC = 3.3V ± 0.3V, TA = –40°C to +85°C)
Commercial
Com'l and Ind'l(2)
Commercial
IDT72V01L15
IDT72V01L25
IDT72V01L35
IDT72V02L15
IDT72V02L25
IDT72V02L35
IDT72V03L15
IDT72V03L25
IDT72V03L35
IDT72V04L15
IDT72V04L25
IDT72V04L35
IDT72V05L15
IDT72V05L25
IDT72V05L35
IDT72V06L15
IDT72V06L25
IDT72V06L35
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
ShiftFrequency
40
28.5
22.2
MHz
tRC
Read Cycle Time
25
35
45
ns
tA
AccessTime
15
25
35
ns
tRR
ReadRecoveryTime
10
10
10
ns
tRPW
ReadPulseWidth(3)
15
25
35
ns
tRLZ
Read Pulse Low to Data Bus at Low Z(4)
3—
3—
3
ns
tWLZ
Write Pulse High to Data Bus at Low Z(4,5)
5—
5—
5
ns
tDV
DataValidfromReadPulseHigh
5
5
5
ns
tRHZ
Read Pulse High to Data Bus at High Z(4)
15—
18
20ns
tWC
WriteCycleTime
25
35
45
ns
tWPW
WritePulseWidth(3)
15
25
35
ns
tWR
WriteRecoveryTime
10
10
10
ns
tDS
DataSetupTime
11
15
18
ns
tDH
DataHoldTime
0
0
0
ns
tRSC
Reset Cycle Time
25
35
45
ns
tRS
ResetPulseWidth(3)
15
25
35
ns
tRSS
ResetSetupTime(4)
15
25
35
ns
tRSR
ResetRecoveryTime
10
10
10
ns
tRTC
RetransmitCycleTime
25
35
45
ns
tRT
RetransmitPulseWidth(3)
15
25
35
ns
tRTS
RetransmitSetupTime(4)
15
25
35
ns
tRTR
RetransmitRecoveryTime
10
10
10
ns
tEFL
Reset to Empty Flag Low
25
35
45
ns
tHFH,FFH
ResettoHalf-FullandFullFlagHigh
25
35
45
ns
tRTF
RetransmitLowtoFlagsValid
25
35
45
ns
tREF
Read Low to Empty Flag Low
15
25
30
ns
tRFF
Read High to Full Flag High
15
25
30
ns
tRPE
ReadPulseWidthafterEFHigh
15
25
35
ns
tWEF
Write High to Empty Flag High
15
25
30
ns
tWFF
Write Low to Full Flag Low
15
25
30
ns
tWHF
WriteLowtoHalf-FullFlagLow
25
35
45
ns
tRHF
ReadHightoHalf-FullFlagHigh
25
35
45
ns
tWPF
WritePulseWidthafterFFHigh
15
25
35
ns
tXOL
Read/WritetoXOLow
15—
25
35ns
tXOH
Read/WritetoXOHigh
15
25
35
ns
tXI
XIPulse Width(3)
15
25
35
ns
tXIR
XI Recovery Time
10
10
10
ns
tXIS
XISetupTime
10
10
10
ns
NOTES:
1. Timings referenced as in AC Test Conditions.
2. Industrial temperature range product for the 25ns speed grade is available as a standard device.
All other speed grades are available by special order.
3. Pulse widths less than minimum value are not allowed.
4. Values guaranteed by design, not currently tested.
5. Only applies to read data flow-through mode.
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
InputRise/FallTimes
5ns
InputTimingReferenceLevels
1.5V
OutputReferenceLevels
1.5V
OutputLoad
See Figure 1
Figure 1. Output Load
* Includes scope and jig capacitances.
or equivalent circuit
3033 drw 03
30pF*
330
Ω
3.3V
D.U.T.
510
Ω


Similar Part No. - 72V04L25JG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V04L25JG RENESAS-72V04L25JG Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
72V04L25JG8 RENESAS-72V04L25JG8 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
72V04L25JGI RENESAS-72V04L25JGI Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
72V04L25JGI8 RENESAS-72V04L25JGI8 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results

Similar Description - 72V04L25JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com