Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7284L12PAIGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 7284L12PAIGI
Description  CMOS DUAL ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7284L12PAIGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 7284L12PAIGI Datasheet HTML 3Page - Integrated Device Technology 7284L12PAIGI Datasheet HTML 4Page - Integrated Device Technology 7284L12PAIGI Datasheet HTML 5Page - Integrated Device Technology 7284L12PAIGI Datasheet HTML 6Page - Integrated Device Technology 7284L12PAIGI Datasheet HTML 7Page - Integrated Device Technology 7284L12PAIGI Datasheet HTML 8Page - Integrated Device Technology 7284L12PAIGI Datasheet HTML 9Page - Integrated Device Technology 7284L12PAIGI Datasheet HTML 10Page - Integrated Device Technology 7284L12PAIGI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
COMMERCIALTEMPERATURERANGE
IDT7280/7281/7282/7283/7284/7285 5V ASYNCHRONOUS FIFO
DUAL 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
JUNE 29, 2012
Figure 9. Half-Full Flag Timing
Figure 10. Expansion Out
Figure 11. Expansion In
OPERATING MODES:
Care must be taken to assure that the appropriate flag is monitored by
eachsystem(i.e.FFismonitoredonthedevicewhereWisused;EFismonitored
on the device where R is used).
SINGLE DEVICE MODE
A single IDT7280/7281/7282/7283/7284/7285 may be used when the
applicationrequirementsarefor256/512/1,024/2,048/4,096/8,192wordsor
less. TheseFIFOsareinaSingleDeviceConfigurationwhentheExpansion
In (XI) control input is grounded (see Figure 12).
DEPTH EXPANSION
These devices can easily be adapted to applications when the require-
ments are for greater than 256/512/1,024/2,048/4,096/8,192 words. Figure
14 demonstrates a four-FIFO Depth Expansion using two IDT7280/7281/
7282/7283/7284/7285s. Any depth can be attained by adding additional
IDT7280/7281/7282/7283/7284/7285s. These FIFOs operate in the Depth
Expansionmodewhenthefollowingconditionsaremet:
1. ThefirstFIFOmustbedesignatedbygroundingtheFirstLoad(FL)control
input.
2. All other FIFOs must have FLin the HIGH state.
3. TheExpansionOut(XO)pinofeachdevicemustbetiedtotheExpansion
In (XI) pin of the next device. See Figure 14.
4. ExternallogicisneededtogenerateacompositeFullFlag(FF)andEmpty
Flag (EF). This requires the ORing of all EFs and ORing of all FFs (i.e. all
must be set to generate the correct composite FFor EF). See Figure 14.
5. TheRetransmit(RT)functionandHalf-FullFlag(HF)arenotavailablein
the Depth Expansion Mode.
R
W
HF
tRHF
3208 drw 11
HALF-FULL OR LESS
MORE THAN HALF-FULL
HALF-FULL OR LESS
tWHF
R
W
XO
3208 drw 12
WRITE TO
LAST PHYSICAL
LOCATION
tXOL
tXOH
READ FROM
LAST PHYSICAL
LOCATION
tXOL
tXOH
W
XI
R
3208 drw 13
WRITE TO
FIRST PHYSICAL
LOCATION
READ FROM
FIRST PHYSICAL
LOCATION
tXIS
tXIR
tXI
tXIS


Similar Part No. - 7284L12PAIGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7284L12PAG IDT-7284L12PAG Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
7284L12PAG RENESAS-7284L12PAG Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
7284L12PAG8 IDT-7284L12PAG8 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
7284L12PAG8 RENESAS-7284L12PAG8 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
7284L12PAGI IDT-7284L12PAGI Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
More results

Similar Description - 7284L12PAIGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com