Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS34X383Q3G8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # QS34X383Q3G8
Description  QUICKSWITCH PRODUCTS HIGH-SPEED 32-BIT BUS EXCHANGE SWITCH IN MILLIPAQ
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS34X383Q3G8 Datasheet(HTML) 1 Page - Integrated Device Technology

  QS34X383Q3G8 Datasheet HTML 1Page - Integrated Device Technology QS34X383Q3G8 Datasheet HTML 2Page - Integrated Device Technology QS34X383Q3G8 Datasheet HTML 3Page - Integrated Device Technology QS34X383Q3G8 Datasheet HTML 4Page - Integrated Device Technology QS34X383Q3G8 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
IDTQS34X383
HIGH-SPEED32-BITBUSEXCHANGESWITCH
INDUSTRIALTEMPERATURERANGE
AUGUST 2012
2012 Integrated Device Technology, Inc.
DSC-5573/4
c
IDTQS34X383
INDUSTRIAL TEMPERATURE RANGE
FUNCTIONAL BLOCK DIAGRAM
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
•5Ω
Ω
Ω
Ω
Ω switches connect inputs to outputs
• Zero propagation delay
• Direct bus connect
• Live insertion capability
• Low power CMOS proprietary technology
• Bus exchange allows nibble swap
• TTL-compatible control inputs
• Available in 80-pin Millipaq package
QUICKSWITCH® PRODUCTS
HIGH-SPEED 32-BIT BUS EXCHANGE
SWITCH IN MILLIPAQ
DESCRIPTION:
The QS34X383 provides four sets of eight high-speed CMOS TTL-
compatible bus switches. The low ON resistance (5
Ω) of the QS34X383
allows inputs to be connected to outputs without adding propagation delay
and without generating additional ground bounce noise. The Bus Enable
(BEx) signals turn the switches on. The Bus Exchange (BXx) signals
provide nibble swap of the AB and CD pairs of signals. This exchange
configuration allows byte swapping of buses in systems. It can also be used
as a 16-bit 2-to-1 multiplexer and to create low delay barrel shifters, etc.
The QS34X383 is characterized for operation at -40°C to +85°C.
A0
B3
BX1
BX2
BE1
BE2
B0
A3
C
0
D3
D0
C3
A4
B7
B4
A7
C4
D7
D4
C7
A8
B11
BX3
BX4
BE3
BE4
B8
A11
C8
D11
D8
C11
A12
B15
B12
A15
C12
D15
D12
C15


Similar Part No. - QS34X383Q3G8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS34X245Q3G8 IDT-QS34X245Q3G8 Datasheet
225Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS
logo
List of Unclassifed Man...
QS34XV245 ETC-QS34XV245 Datasheet
65Kb / 7P
   3.3V HIGH SPEED 32-BIT MULTIWIDTH BUS SWITCH
logo
Integrated Device Techn...
QS34XVH2245Q3G IDT-QS34XVH2245Q3G Datasheet
270Kb / 8P
   2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
QS34XVH2245Q3G8 IDT-QS34XVH2245Q3G8 Datasheet
270Kb / 8P
   2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
QS34XVH245Q3G IDT-QS34XVH245Q3G Datasheet
268Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - QS34X383Q3G8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS34X383 IDT-IDTQS34X383 Datasheet
57Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED 32-BIT BUS EXCHANGE SWITCH IN MILLIPAQ
logo
Renesas Technology Corp
IDTQS34X383 RENESAS-IDTQS34X383 Datasheet
411Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED 32-BIT BUS EXCHANGE SWITCH IN MILLIPAQ™
AUGUST 2012
logo
Integrated Device Techn...
IDTQS3383 IDT-IDTQS3383_11 Datasheet
217Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
IDTQS316212 IDT-IDTQS316212 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 24-BIT BUS-EXCHANGE SWITCH
IDTQS3383 IDT-IDTQS3383 Datasheet
43Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
IDTQS3383 RENESAS-IDTQS3383 Datasheet
386Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
OCTOBER 2011
logo
Integrated Device Techn...
IDTQS3L383 IDT-IDTQS3L383 Datasheet
57Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH
QS3L384Q IDT-QS3L384Q Datasheet
50Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER CMOS 10-BIT BUS EXCHANGE SWITCH
IDTQS3L384 IDT-IDTQS3L384 Datasheet
63Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER CMOS 10-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
IDTQS3L384 RENESAS-IDTQS3L384 Datasheet
378Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED LOW POWER CMOS 10-BIT BUS EXCHANGE SWITCH
JANUARY 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com