Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V03L25JGI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 72V03L25JGI
Description  3.3 VOLT CMOS ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V03L25JGI Datasheet(HTML) 4 Page - Integrated Device Technology

  72V03L25JGI Datasheet HTML 1Page - Integrated Device Technology 72V03L25JGI Datasheet HTML 2Page - Integrated Device Technology 72V03L25JGI Datasheet HTML 3Page - Integrated Device Technology 72V03L25JGI Datasheet HTML 4Page - Integrated Device Technology 72V03L25JGI Datasheet HTML 5Page - Integrated Device Technology 72V03L25JGI Datasheet HTML 6Page - Integrated Device Technology 72V03L25JGI Datasheet HTML 7Page - Integrated Device Technology 72V03L25JGI Datasheet HTML 8Page - Integrated Device Technology 72V03L25JGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V01/72V02/72V03/72V04/72V05/72V06 3.3V ASYNCHRONOUS FIFO
512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9, 8,192 x 9 and 16,384 x 9
SIGNAL DESCRIPTIONS
INPUTS:
DATA IN (D0 – D8)
Data inputs for 9-bit wide data.
CONTROLS:
RESET (RS)
Reset is accomplished whenever the Reset (RS) input is taken to a LOW
state. During reset, both internal read and write pointers are set to the first
location. A reset is required after power up before a write operation can take
place. Both the Read Enable (R) and Write Enable (W) inputs must be
in the HIGH state during the window shown in Figure 2, (i.e., tRSS
before the rising edge of RS ) and should not change until tRSR after
the rising edge of RS. Half-Full Flag (HF) will be reset to HIGH after
Reset (RS).
WRITE ENABLE (W)
A write cycle is initiated on the falling edge of this input if the Full Flag (FF)
isnotset. Datasetupandholdtimesmustbeadheredtowithrespecttotherising
edgeoftheWriteEnable(W). DataisstoredintheRAMarraysequentiallyand
independently of any ongoing read operation.
After half of the memory is filled and at the falling edge of the next write
operation,theHalf-FullFlag(HF)willbesettoLOWandwillremainsetuntilthe
difference between the write pointer and read pointer is less than or equal to
onehalfofthetotalmemoryofthedevice. TheHalf-FullFlag(HF)isthenreset
by the rising edge of the read operation.
Topreventdataoverflow,theFullFlag(FF)willgoLOW,inhibitingfurther
write operations. Upon the completion of a valid read operation, the Full Flag
(FF) will go HIGH after tRFF, allowing a valid write to begin. When the FIFO
isfull,theinternalwritepointerisblockedfromW,soexternalchangesinWwill
notaffecttheFIFOwhenitisfull.
READ ENABLE (R)
AreadcycleisinitiatedonthefallingedgeoftheReadEnable(R)provided
theEmptyFlag(EF)isnotset.ThedataisaccessedonaFirst-In/First-Outbasis,
independent of any ongoing write operations. After Read Enable (R) goes
HIGH,theDataOutputs(Q0–Q8)willreturntoahighimpedanceconditionuntil
thenextReadoperation. WhenalldatahasbeenreadfromtheFIFO,theEmpty
Flag(EF)willgoLOW,allowingthe“final”readcyclebutinhibitingfurtherread
operationswiththedataoutputsremaininginahighimpedancestate.Oncea
validwriteoperationhasbeenaccomplished,theEmptyFlag(EF)willgoHIGH
aftertWEFandavalidReadcanthenbegin. WhentheFIFOisempty,theinternal
readpointerisblockedfromRsoexternalchangesinRwillnotaffecttheFIFO
when it is empty.
FIRST LOAD/RETRANSMIT (FL/RT)
This is a dual-purpose input. In the Depth Expansion Mode, this pin is
groundedtoindicatethatitisthefirstloaded(seeOperatingModes).IntheSingle
DeviceMode,thispinactsastheretransmitinput. TheSingleDeviceModeis
initiated by grounding the Expansion In (XI).
TheseFIFOscanbemadetoretransmitdatawhentheRetransmitEnable
control(RT)inputispulsedLOW. Aretransmitoperationwillsettheinternalread
pointertothefirstlocationandwillnotaffectthewritepointer.ReadEnable(R)
andWriteEnable(W)mustbeintheHIGHstateduringretransmit.Thisfeature
is useful when less than 512/1,024/2,048/4,096/8,192/16,384 writes are
performed between resets. The retransmit feature is not compatible with the
Depth Expansion Mode and will affect the Half-Full Flag (HF), depending on
the relative locations of the read and write pointers.
EXPANSION IN (XI)
Thisinputisadual-purposepin.ExpansionIn(XI)isgroundedtoindicate
an operation in the single device mode. Expansion In (XI) is connected to
Expansion Out (XO) of the previous device in the Depth Expansion or Daisy
Chain Mode.
OUTPUTS:
FULL FLAG (FF)
TheFullFlag(FF)willgoLOW,inhibitingfurtherwriteoperation,whenthe
writepointerisonelocationlessthanthereadpointer,indicatingthatthedevice
is full. If the read pointer is not moved after Reset (RS), the Full-Flag (FF)will
go LOW after 512/1,024/2,048/4,096/8,192/16,384 writes to the IDT72V01/
72V02/72V03/72V04/72V05/72V06.
EMPTY FLAG (EF)
TheEmptyFlag(EF)willgoLOW,inhibitingfurtherreadoperations,when
thereadpointerisequaltothewritepointer,indicatingthatthedeviceisempty.
EXPANSION OUT/HALF-FULL FLAG (XO/HF)
Thisisadual-purposeoutput. Inthesingledevicemode,whenExpansion
In (XI) is grounded, this output acts as an indication of a half-full memory.
After half of the memory is filled and at the falling edge of the next write
operation,theHalf-FullFlag(HF)willbesetLOWandwillremainsetuntilthe
difference between the write pointer and read pointer is less than or equal to
onehalfofthetotalmemoryofthedevice.TheHalf-FullFlag(HF)isthenreset
by using rising edge of the read operation.
IntheDepthExpansionMode,ExpansionIn(XI)isconnectedtoExpansion
Out(XO)ofthepreviousdevice.Thisoutputactsasasignaltothenextdevice
in the Daisy Chain by providing a pulse to the next device when the previous
devicereachesthelastlocationofmemory.
DATA OUTPUTS (Q0 – Q8)
Dataoutputsfor9-bitwidedata. Thisdataisinahighimpedancecondition
whenever Read (R) is in a HIGH state.


Similar Part No. - 72V03L25JGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V03L25JGI RENESAS-72V03L25JGI Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
72V03L25JGI8 RENESAS-72V03L25JGI8 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results

Similar Description - 72V03L25JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com