Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3306A Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDTQS3306A
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH WITH INDIVIDUAL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3306A Datasheet(HTML) 4 Page - Integrated Device Technology

  IDTQS3306A_11 Datasheet HTML 1Page - Integrated Device Technology IDTQS3306A_11 Datasheet HTML 2Page - Integrated Device Technology IDTQS3306A_11 Datasheet HTML 3Page - Integrated Device Technology IDTQS3306A_11 Datasheet HTML 4Page - Integrated Device Technology IDTQS3306A_11 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDTQS3306A
HIGH-SPEEDCMOSDUALBUSSWITCHWITHINDIVIDUALENABLES
NOTES:
1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics.
2. Per TTL-driven input (VIN = 3.4V, control inputs only). A and B pins do not contribute to
ΔIcc.
3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A and B inputs generate no significant
AC or DC currents as they transition. This parameter is guaranteed but not production tested.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Max.
Unit
ICCQ
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC, f = 0
3
μA
ΔICC
Power Supply Current per Input HIGH(2)
VCC = Max., VIN = 3.4V, f = 0
1
mA
ICCD
Dynamic Power Supply Current per MHz (3)
VCC = Max., A and B Pins Open, Control Inputs Toggling @ 50% Duty Cycle
0.25
mA/MHz
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40°C to +85°C, VCC = 5V ± 5%
CLOAD = 50pF, RLOAD = 500
Ω unless otherwise noted.
Symbol
Parameter
Min.(1)
Typ.
Max.
Unit
tPLH
DataPropagationDelay(2)
⎯⎯
0.25(3)
ns
tPHL
xA to xB
tPZL
Switch Turn-On Delay
1.5
6.5
ns
tPZH
OE to xA/xB
tPLZ
SwitchTurn-OffDelay(2)
1.5
5.5
ns
tPHZ
OE to xA/xB
NOTES:
1. Minimums are guaranteed but not production tested.
2. This parameter is guaranteed but not production tested.
3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone
is of the order of 0.25ns at CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the
system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on
the driven side.


Similar Part No. - IDTQS3306A_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTQS3306A RENESAS-IDTQS3306A Datasheet
380Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
OCTOBER 2011
More results

Similar Description - IDTQS3306A_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3125 IDT-IDTQS3125_11 Datasheet
217Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE
logo
Renesas Technology Corp
IDTQS3306A RENESAS-IDTQS3306A Datasheet
380Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
OCTOBER 2011
logo
Integrated Device Techn...
IDTQS3126 IDT-IDTQS3126 Datasheet
38Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
logo
Renesas Technology Corp
QS3125 RENESAS-QS3125 Datasheet
251Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
MAY 2019
logo
Integrated Device Techn...
IDTQS3125 IDT-IDTQS3125 Datasheet
43Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
logo
Renesas Technology Corp
QS3126 RENESAS-QS3126 Datasheet
247Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
MAY 2019
logo
Integrated Device Techn...
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS32X245 IDT-IDTQS32X245 Datasheet
44Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com