Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS32X2384Q1G8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # QS32X2384Q1G8
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS32X2384Q1G8 Datasheet(HTML) 2 Page - Integrated Device Technology

  QS32X2384Q1G8 Datasheet HTML 1Page - Integrated Device Technology QS32X2384Q1G8 Datasheet HTML 2Page - Integrated Device Technology QS32X2384Q1G8 Datasheet HTML 3Page - Integrated Device Technology QS32X2384Q1G8 Datasheet HTML 4Page - Integrated Device Technology QS32X2384Q1G8 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDTQS32X2384
HIGH-SPEED CMOS 20-BIT BUS SWITCH
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) SupplyVoltage to Ground
–0.5 to +7
V
VTERM(3) DC Switch Voltage VS
–0.5 to +7
V
VTERM(3) DC Input Voltage VIN
–0.5 to +7
V
VAC
AC Input Voltage (pulse width
≤20ns)
–3
V
IOUT
DC Output Current (max. sink current/pin)
120
mA
PMAX
Maximum Power Dissipation (TA = 85°C)
0.5
W
TSTG
Storage Temperature
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC .
Pins
Typ.
Max.(1) Unit
Control Inputs
3
5
pF
Quickswitch Channels (Switch OFF)
5
7
pF
CAPACITANCE (TA = +25°C, F = 1MHz, VIN = 0V, VOUT = 0V)
NOTE:
1. This parameter is guaranteed but not production tested.
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don't care
Z = High-Impedence
BEA
BEB
B0 - B4
B15 - B19
Function
H
H
Z
Z
Disconnect
LH
A0 - A4
Z
Connect
HL
Z
A15 - A19
Connect
LL
A0 - A4
A15 - A19
Connect
BEC
BED
B5 - B9
B10 - B14
Function
H
H
Z
Z
Disconnect
LH
A5 - A9
Z
Connect
HL
Z
A10 - A14
Connect
LL
A5 - A9
A10 - A14
Connect
FUNCTION TABLE(1)
QVSOP
TOP VIEW
Pin Names
I/O
Description
A0 - A19
I/O
Bus A
B0 - B19
I/O
Bus B
BEA
I
Enable, 0 - 4
BEB
I
Enable, 15 - 19
BEC
I
Enable, 5 - 9
BED
I
Enable, 10 - 14
PIN DESCRIPTION
148
BEA
VCC
2
47
B0
B19
3
46
A0
A19
4
45
A1
A18
5
44
B1
B18
6
43
B2
B17
8
41
A3
A16
9
40
B3
B16
10
39
B4
B15
7
42
A2
A17
11
38
A4
A15
12
37
GND
BEB
13
36
BEC
VCC
14
35
B5
B14
15
34
A5
A14
16
33
A6
A13
17
32
B6
B13
18
31
B7
B12
19
30
A7
A12
20
29
A8
A11
21
28
B8
B11
22
27
B9
B10
23
26
A9
A10
24
25
GND
BED


Similar Part No. - QS32X2384Q1G8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS32X2245Q2G IDT-QS32X2245Q2G Datasheet
223Kb / 5P
   HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
QS32X2245Q2G8 IDT-QS32X2245Q2G8 Datasheet
223Kb / 5P
   HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
QS32X245Q2G IDT-QS32X245Q2G Datasheet
216Kb / 5P
   HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
QS32X245Q2G8 IDT-QS32X245Q2G8 Datasheet
216Kb / 5P
   HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
More results

Similar Description - QS32X2384Q1G8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32X384 IDT-IDTQS32X384 Datasheet
526Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
IDTQS32XL384 IDT-IDTQS32XL384 Datasheet
63Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
logo
Renesas Technology Corp
IDTQS32X2384 RENESAS-IDTQS32X2384 Datasheet
392Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
FEBRUARY 2011
IDTQS32XL384 RENESAS-IDTQS32XL384 Datasheet
328Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
JUNE 2011
IDTQS32X384 RENESAS-IDTQS32X384 Datasheet
389Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
JUNE 2011
logo
Integrated Device Techn...
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
logo
Renesas Technology Corp
QS32245 RENESAS-QS32245 Datasheet
254Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
JUNE 2019
logo
Integrated Device Techn...
QS3245QG IDT-QS3245QG Datasheet
218Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com