Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS32X2384 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDTQS32X2384
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS32X2384 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDTQS32X2384 Datasheet HTML 1Page - Integrated Device Technology IDTQS32X2384 Datasheet HTML 2Page - Integrated Device Technology IDTQS32X2384 Datasheet HTML 3Page - Integrated Device Technology IDTQS32X2384 Datasheet HTML 4Page - Integrated Device Technology IDTQS32X2384 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
INDUSTRIALTEMPERATURERANGE
IDTQS32X2384
HIGH-SPEED CMOS 20-BIT BUS SWITCH
FEBRUARY 2011
2011 Integrated Device Technology, Inc.
DSC-5725/4
c
INDUSTRIAL TEMPERATURE RANGE
FUNCTIONAL BLOCK DIAGRAM
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
APPLICATIONS:
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)
• Power conservation
• Capacitance reduction and isolation
• Bus isolation
• Clock gating
FEATURES:
• Enhanced N channel FET with no inherent diode to VCC
• Low propagation delay and zero ground bounce
•25
Ω
Ω
Ω
Ω
Ω resistors for low noise
• Undershoot Clamp Diodes on all switch and control Inputs
• Four enables control five bits each
• TTL-compatible input and output levels
• Available in 48-pin QVSOP package
IDTQS32X2384
QUICKSWITCH® PRODUCTS
HIGH-SPEED CMOS
20-BIT BUS SWITCH
B4
BEC
BEA
B0
A4
A0
B9
B5
A9
A5
B14
BEB
BED
B10
A14
A10
B19
B15
A19
A15
DESCRIPTION:
The QS32X2384 provides a set of twenty high-speed CMOS TTL-
compatible bus switches. The QS32x2384 also includes internal 25
Ω
series termination resistors to reduce reflection noise in high-speed
applications. The Bus Enable (BE) signals turn the switches on. Four Bus
Enable signals are provided, one for each of five bits of the 20-bit bus. The
‘384familyofQuickSwitchproductsisidealforswitchingwidedigitalbuses,
as well as hotplug buffering, and 5V to 3V conversion.
The QS32X2384 is characterized for operation at -40°C to +85°C.


Similar Part No. - IDTQS32X2384

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTQS32X2384 RENESAS-IDTQS32X2384 Datasheet
392Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
FEBRUARY 2011
More results

Similar Description - IDTQS32X2384

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32X384 IDT-IDTQS32X384 Datasheet
526Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
IDTQS32XL384 IDT-IDTQS32XL384 Datasheet
63Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
logo
Renesas Technology Corp
IDTQS32X2384 RENESAS-IDTQS32X2384 Datasheet
392Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
FEBRUARY 2011
IDTQS32XL384 RENESAS-IDTQS32XL384 Datasheet
328Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
JUNE 2011
IDTQS32X384 RENESAS-IDTQS32X384 Datasheet
389Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
JUNE 2011
logo
Integrated Device Techn...
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
logo
Renesas Technology Corp
QS32245 RENESAS-QS32245 Datasheet
254Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
JUNE 2019
logo
Integrated Device Techn...
QS3245QG IDT-QS3245QG Datasheet
218Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com